Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE25LB643 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LE25LB643
Description  Serial SPI EEPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE25LB643 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LE25LB643 Datasheet HTML 1Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 2Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 3Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 4Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 5Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 6Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 7Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 8Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LE25LB643
Package Dimensions
unit : mm (typ)
unit : mm (typ)
3032D [LE25LB643M]
3245B [LE25LB643TT]
3.0
12
8
0.25
0.65
(0.53)
0.125
SANYO : MSOP8(150mil)
SANYO : MFP8(225mil)
14
85
5.0
0.15
0.35
1.27
(0.65)
Packages
MFP8 (225mil)
: LE25LB643M
MSOP8 (150mil)
: LE25LB643TT
Pin Assignment
Pin Descriptions
PIN.1
CS
Chip select
PIN.2
SO
Serial data output
PIN.3
WP
Write protect
PIN.4
VSS
Ground
PIN.5
SI
Serial data input
PIN.6
SCK
Serial clock
PIN.7
HOLD
Hold
PIN.8
VDD
Power supply
CS
SO
WP
VSS
VDD
HOLD
SCK
SI
1
2
3
4
8
7
6
5
Block Diagram
ADDRESS
BUFFERS
&
LATCHES
X-
DECODER
EEPROM
Cell Array
Y-DECODER
I/O BUFFERS
&
DATA LATCHES
CONTROL
LOGIC
SERIAL INTERFACE
CS
SCK
SI
SO
WP
HOLD
No.NA1342-2/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com