Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33812 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 33812
Description  SMALL ENGINE CONTROL IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33812 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 33812 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
33812
FUNCTIONAL DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
are normally low and will go high when a fault is detected.
Toggling the respective input pin will clear the respective fault
pin if the fault has been cleared.
K-LINE COMMUNICATION (MTX, MRX, ISO9141)
These three pins are used to provide an ISO914, K-line
communication link for the MCU to provide diagnostic support
for the system. MRX is the +5.0 V logic level serial output line
to the MCU. MTX is the +5.0 V logic level serial input to the
IC from the MCU. The ISO9141 pin is a bidirectional line,
consistent with the ISO9141 specification for signalling to and
from the MCU.
RESET (RESET)
The RESET pin is an open drain output.Without power on
the circuit, RESET is held low by an internal pull-down
resistor. When power is applied to the circuit and the voltage
on the VCCSENSE pin reaches the lower voltage threshold,
(5.0 volts - 2% = 4.9 V) the RESET pin will remain at a low
level (open drain FET turned on) for a period of time equal to
the value WDRESET. After this time period, the RESET pin will
then go high and stay high until a watchdog RESET is
generated, or an under-voltage event on VCC occurs. The
watchdog time and refresh features are controlled via the
WDRFSH line.
RELOAD AND REFRESH TIME (WDRFSH)
The WDRFSH pin is an input that is supplied by an MCU
output to set up the initial reload time, WDRELOAD, and to
refresh the watchdog timer. See the description of the
watchdog timer for information on how to use this pin.
WATCHDOG INHIBIT(WD_INH)
The WD_INH, watchdog inhibit pin, is normally tied to
ground. If desired, during software development, it can be
lifted from the ground pad and pulled high through an external
pull-up resistor. When high, WD_INH will prevent the
watchdog timer from causing a RESET because of a
watchdog timeout. The WD_INH should not be connected to
an MCU I/O pin or left floating in normal operation.
TEST PINS (TEST1, TEST2, AND TEST3)
These three pins are used only by Freescale test
engineering during the production testing of the 33812. They
are not to be used for any application purpose and must be
handled as specified in the pinout section of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com