Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFW3N150 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STFW3N150
Description  N-channel 1500 V, 6 Ω, 2.5 A, PowerMESH??Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFW3N150 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STFW3N150 Datasheet HTML 8Page - STMicroelectronics STFW3N150 Datasheet HTML 9Page - STMicroelectronics STFW3N150 Datasheet HTML 10Page - STMicroelectronics STFW3N150 Datasheet HTML 11Page - STMicroelectronics STFW3N150 Datasheet HTML 12Page - STMicroelectronics STFW3N150 Datasheet HTML 13Page - STMicroelectronics STFW3N150 Datasheet HTML 14Page - STMicroelectronics STFW3N150 Datasheet HTML 15Page - STMicroelectronics STFW3N150 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
STFV3N150, STFW3N150, STP3N150, STW3N150
Package mechanical data
13/16
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.4
4.6
0.173
0.181
B
2.5
2.7
0.098
0.106
D
2.5
2.75
0.098
0.108
E
0.45
0.7
0.017
0.027
F
0.75
1
0.0300.039
F1
1.3
1.8
0.051
0.070
F2
1.3
1.8
0.051
0.070
G
4.95
5.2
0.195
0.204
G1
2.4
2.7
0.094
0.106
H
10
10.4
0.393
0.409
L2
16
0.630
L3
28.6
30.6
1.126
1.204
L4
9.8
10.6
0.3850.417
L5
3.4
0.134
L6
15.9
16.4
0.626
0.645
L7
9
9.3
0.354
0.366
L8
14.5
15
0.570
0.590
L9
2.4
0.094
P011W
TO-220FH (Fully plastic High voltage) MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com