Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP3N150 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP3N150
Description  N-channel 1500 V, 6 Ω, 2.5 A, PowerMESH??Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP3N150 Datasheet(HTML) 3 Page - STMicroelectronics

  STP3N150 Datasheet HTML 1Page - STMicroelectronics STP3N150 Datasheet HTML 2Page - STMicroelectronics STP3N150 Datasheet HTML 3Page - STMicroelectronics STP3N150 Datasheet HTML 4Page - STMicroelectronics STP3N150 Datasheet HTML 5Page - STMicroelectronics STP3N150 Datasheet HTML 6Page - STMicroelectronics STP3N150 Datasheet HTML 7Page - STMicroelectronics STP3N150 Datasheet HTML 8Page - STMicroelectronics STP3N150 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
STFV3N150, STFW3N150, STP3N150, STW3N150
Electrical ratings
3/16
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220,TO-247
TO-220FH TO-3PF
VDS
Drain-source voltage (VGS = 0)
1500
V
VGS
Gate-source voltage
± 30
V
ID
Drain current (continuous) at TC = 25 °C
2.5
2.5 (1)
1.
Limited by maximum temperature allowed
2.5(1)
A
ID
Drain current (continuous) at TC = 100 °C
1.6
1.6 (1)
1.6 (1)
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
10
10 (1)
10 (1)
A
PTOT
Total dissipation at TC = 25 °C
140
30
83
W
VISO
Insulation withstand voltage (RMS) from
all three leads to external heat sink
(t=1 s;TC=25 °C)
2500
TBD
V
Derating factor
1.12
0.24
0.67
W/°C
Tstg
Storage temperature
-50 to 150
°C
Tj
Max. operating junction temperature
150
°C
Table 3.
Thermal data
Symbol
Parameter
TO-220
TO-247 TO-220FH TO-3PF
Unit
Rthj-case Thermal resistance junction-case max
0.89
4.17
1.5
°C/W
Rthj-amb
Thermal resistance junction-ambient
max
62.5
50
62.5
50
°C/W
Tj
Maximum lead temperature for
soldering purpose
300
°C/W
Table 4.
Avalanche characteristics
Symbol
Parameter
Max value
Unit
IAR
Avalanche current, repetitive or not-repetitive
(pulse width limited by Tj max)
2.5
A
EAS
Single pulse avalanche energy
(starting Tj = 25 °C, ID = IAR, VDD = 50 V)
450
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com