Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4518A Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # 2SC4518A
Description  Silicon NPN Power Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2SC4518A Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2SC4518A Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SC4518A Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SC4518A Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SC4518A Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
JMnic
Product Specification
2
Silicon NPN Power Transistors
2SC4518 2SC4518A
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=10mA ; IB=0
550
V
VCEsat
Collector-emitter saturation voltage
IC=1.8A; IB=0.36A
0.5
V
VBEsat
Base-emitter saturation voltage
IC=1.8A; IB=0.36A
1.2
V
ICBO
Collector cut-off current
VCB=800V; IE=0
100
μA
IEBO
Emitter cut-off current
VEB=7V; IC=0
100
μA
hFE
DC current gain
IC=1.8A ; VCE=4V
10
25
COB
Output capacitance
IE=0; VCB=10V;f=1MHz
50
pF
fT
Transition frequency
IE=-0.35A ; VCE=12V
6
MHz
Switching times
ton
Turn-on time
0.7
μs
ts
Storage time
4.0
μs
tf
Fall time
IC=1.8A; IB1=0.27A
IB2=-0.9A
VCC=250V ,RL=139Ω
0.5
μs



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com