Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRC1-50-R250-F-13 Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # MRC1-50-R250-F-13
Description  Metal Glaze High Power Density Surface Mount Power Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

MRC1-50-R250-F-13 Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  MRC1-50-R250-F-13 Datasheet HTML 1Page - IRC - a TT electronics Company. MRC1-50-R250-F-13 Datasheet HTML 2Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Wirewound and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
• 1/2 watt in 1/8 watt package
• 1 watt in 1/2 watt package (2010 footprint)
• MRC1/2: 0.05
Ω to 1.0 Ω
(contact factory for higher values)
• 150°C maximum operating temperature
• Superior surge handling capability
MRC Series
Metal Glaze™ thick film
element fired at 1000°C to
solid ceramic substrate
High temperature
dielectric coating
60/40 Solder over nickel barrier
Environmental Data
Metal Glaze™ High Power
Density Surface Mount
Power Resistor
MRC Applications:
The MRC1/2 will dissipate 1/2 watt at 70°C on a 1206 footprint, while the MRC 1 will dissipate 1 watt at 70°C on
a 2010 footprint. The MRC is recommended for applications where board real estate is a major concern. Due
to high power density and superior surge handling capability, it is also recommended as a direct replacement on
existing board designs where standard 1206 and 2010 resistors are marginal or failing.
Characteristics
Maximum Change
Test Method
Temperature Coefficient
As specified
MIL-R-55342E Par 4.7.9 (-55°C + 125°C)
Thermal Shock
±(0.5% + 0.01
Ω)
MIL-R-55342E Par 4.7.3 (-65°C + 150°C, 5 cycles)
Low Temperature Operation
±(0.25% + 0.01
Ω)
MIL-R-55342E Par 4.7.4 (-65°C @ working voltage)
Short Time Overload
±(1.0% + 0.01
Ω)
MIL-R-55342E Par 4.7.5
2.5 x PxR for 5 seconds
High Temperature Exposure
±(0.5% + 0.01
Ω)
MIL-R-55342E Par 4.7.6 (+150°C for 100 hours)
Resistance to Bonding Exposure ±(0.25% + 0.01
Ω)
MIL-R-55342E Par 4.7.7
(Reflow soldered to board at 260°C for 10 seconds)
Solderability
95% minimum coverage
MIL-STD-202, Method 208 (245°C for 5 seconds)
Moisture Resistance
±(0.5% + 0.01
Ω)
MIL-R-55342E Par 4.7.8 (10 cycles, total 240 hours)
Life Test
±(1.0% + 0.01
Ω)
MIL-R-55342E Par 4.7.10 (2000 hours @ 70°C intermittent)
Terminal Adhesion Strength
±(1% + 0.01
Ω)
no mechanical damage
1200 gram push from underside of mounted chip
for 60 seconds
Resistance to Board Bending
±(1% + 0.01
Ω)
no mechanical damage
Chip mounted in center of 90mm long board, deflected 5mm
so as to exert pull on chip contacts for 10 seconds
√
Size
Code1
Industry
Footprint
IRC
Type
Max.
Power Rating
Working
Voltage2
Max.
Voltage
Resistance
Range (ohms)3
Tolerance
(±%)3
TCR
(ppm/°C)3
Product
Catagory
C
1206
MRC1/2
1/2W @ 70°C
200
400
0.1 to 0.99
1,2,5
100
Low Range
1.0 to 10K
1,2,5
50,100
Standard
20 to 10K
0.25, 0.5
50,100
Tight Tolerance
E
2010
MRC1
1W @ 70°C
350
700
0.05 to 0.099
2,5
200
Low Range
0.10 to 1.0
1,2,5
100
Low Range
Environmental Data
MRC Series Issue June 2008 Sheet 1 of 2


Similar Part No. - MRC1-50-R250-F-13

ManufacturerPart #DatasheetDescription
logo
Ultralife Corporation.
MRC135A-014 ULTRALIFE-MRC135A-014 Datasheet
285Kb / 1P
Charge module automatically detects open or shorted cells
Rev: B
logo
Laird Tech Smart Techno...
MRC150 LSTD-MRC150 Datasheet
738Kb / 2P
Reliable Solid State Operation
More results

Similar Description - MRC1-50-R250-F-13

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
CHP WELWYN-CHP Datasheet
74Kb / 2P
Metal Glaze??General Purpose Surface Mount Power Resistors
PPS-1 WELWYN-PPS-1 Datasheet
67Kb / 2P
Metal Glaze??Power Pack Surface Mount High Power Density Ceramic Package
logo
IRC - a TT electronics ...
ARG IRCTT-ARG Datasheet
154Kb / 1P
High Power Metal Glaze??Resistor
CHP IRCTT-CHP Datasheet
151Kb / 3P
Metal Glaze??Cylindrical Surface Mount Power Resistors
HSF-1-50-11R0-K-LF-BLK IRCTT-HSF-1-50-11R0-K-LF-BLK Datasheet
413Kb / 2P
METAL GLAZE GENERAL PURPOSE SURFACE MOUNT SURGE RESISTOR
MMA0204501000DBLK IRCTT-MMA0204501000DBLK Datasheet
152Kb / 3P
Metal Glaze General Purpose Surface Mount Power Resistor
PPC11001BLFBLK IRCTT-PPC11001BLFBLK Datasheet
201Kb / 3P
Metal Glaze Surface Mount Precision Power Chip
PPS11001000F IRCTT-PPS11001000F Datasheet
224Kb / 2P
Metal Glaze Power Pack Surface Mount High Power Density Ceramic Package
PWRG51202J IRCTT-PWRG51202J Datasheet
156Kb / 2P
General Purpose Power Metal Glaze Resistor
logo
Stackpole Electronics, ...
MGM SEI-MGM Datasheet
334Kb / 6P
High Voltage Metal Glaze Resistor
5/4/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com