Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1023 Datasheet(PDF) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # 2SD1023
Description  Silicon Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2SD1023 Datasheet(HTML) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2SD1023 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SD1023 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SD1023 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Specification
www.jmnic.com
JMnic
Silicon Power Transistors
2SD1023
DESCRIPTION
・DARLINGTON
・High DC current gain
・With TO-220 package
PINNING
PIN
DESCRIPTION
1
Base
2
Collector;connected to
mounting base
3
Emitter
Fig.1 simplified outline (TO-220) and symbol
ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VCBO
Collector-base voltage
Open emitter
200
V
VCEO
Collector-emitter voltage
Open base
200
V
VEBO
Emitter-base voltage
Open collector
7
V
IC
Collector current-Continuous
5
A
ICM
Collector current-Peak
8
A
IB
Base current
0.5
A
IBM
Base current-Peak
1
A
PT
Total power dissipation
TC=25℃
30
W
Tj
Junction temperature
150
℃
Tstg
Storage temperature
-55~150
℃


Similar Part No. - 2SD1023

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
2SD1023 SHINDENGEN-2SD1023 Datasheet
445Kb / 9P
Darlington Transistor(5A NPN)
logo
Savantic, Inc.
2SD1023 SAVANTIC-2SD1023 Datasheet
98Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD1023 ISC-2SD1023 Datasheet
132Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD1023 SAVANTIC-2SD1023 Datasheet
100Kb / 3P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SD1023 JMNIC-2SD1023_15 Datasheet
86Kb / 3P
Silicon Power Transistors
More results

Similar Description - 2SD1023

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ15022 MOTOROLA-MJ15022 Datasheet
153Kb / 4P
Silicon Power Transistors
logo
ON Semiconductor
MJD44H11 ONSEMI-MJD44H11 Datasheet
192Kb / 6P
SILICON POWER TRANSISTORS
August, 2004 ??Rev. 6
logo
Quanzhou Jinmei Electro...
2SC3979 JMNIC-2SC3979 Datasheet
152Kb / 3P
Silicon Power Transistors
2SC4941 JMNIC-2SC4941 Datasheet
86Kb / 3P
Silicon Power Transistors
logo
ON Semiconductor
MJ21193 ONSEMI-MJ21193_09 Datasheet
163Kb / 6P
Silicon Power Transistors
April, 2009 ??Rev. 5
MJW21193 ONSEMI-MJW21193_10 Datasheet
151Kb / 7P
Silicon Power Transistors
March, 2010 ??Rev. 4
logo
Comset Semiconductor
BD743 COMSET-BD743 Datasheet
108Kb / 4P
SILICON POWER TRANSISTORS
MJE13007 COMSET-MJE13007 Datasheet
101Kb / 3P
SILICON POWER TRANSISTORS
TIP35 COMSET-TIP35 Datasheet
81Kb / 4P
SILICON POWER TRANSISTORS
logo
ON Semiconductor
MJ15022 ONSEMI-MJ15022_13 Datasheet
117Kb / 4P
Silicon Power Transistors 16 AMPERES SILICON POWER TRANSISTORS
August, 2013 ??Rev. 12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com