Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST10-7CT Datasheet(PDF) 7 Page - STMicroelectronics

Part # ACST10-7CT
Description  Transient protected AC power switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST10-7CT Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ACST10-7CT Datasheet HTML 3Page - STMicroelectronics ACST10-7CT Datasheet HTML 4Page - STMicroelectronics ACST10-7CT Datasheet HTML 5Page - STMicroelectronics ACST10-7CT Datasheet HTML 6Page - STMicroelectronics ACST10-7CT Datasheet HTML 7Page - STMicroelectronics ACST10-7CT Datasheet HTML 8Page - STMicroelectronics ACST10-7CT Datasheet HTML 9Page - STMicroelectronics ACST10-7CT Datasheet HTML 10Page - STMicroelectronics ACST10-7CT Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ACST10
Application information
7/12
2
Application information
2.1
Typical application description
The ACST10 device has been designed to control medium power load, such as AC motors
in home appliances. Thanks to its thermal and turn off commutation performances, the
ACST10 switch is able to drive, with no turn off additional snubber, an inductive load up to
10 A. It also provides high thermal performances in static and transient modes such as the
compressor inrush current or high torque operating conditions of an AC motor. Thanks to its
low gate triggering current level, the ACST10-7S can be driven directly by an MCU through
a simple gate resistor as shown Figure 15.
Figure 15.
Compressor control – typical diagram
Figure 16.
Universal drum motor control – typical diagram
Compressor
Start
switch
Run
switch
PTC
Rg
ACST
Power supply
Gate
Driver
ACST
Rg
AC Mains
Compressor
Electronic
starter
Electronic
thermostat
ACST
Rg
ACST
Power supply
AC Mains
Gate
Driver
logical circuitry
1
PTC
Universal motor
Motor direction
setting
Speed motor
regulation
Rg
AC Mains
Stator
MCU
Vcc
12V
ACST
Rotor
MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com