Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRT512 Datasheet(PDF) 17 Page - STMicroelectronics

Part # SRT512
Description  13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRT512 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button SRT512_09 Datasheet HTML 13Page - STMicroelectronics SRT512_09 Datasheet HTML 14Page - STMicroelectronics SRT512_09 Datasheet HTML 15Page - STMicroelectronics SRT512_09 Datasheet HTML 16Page - STMicroelectronics SRT512_09 Datasheet HTML 17Page - STMicroelectronics SRT512_09 Datasheet HTML 18Page - STMicroelectronics SRT512_09 Datasheet HTML 19Page - STMicroelectronics SRT512_09 Datasheet HTML 20Page - STMicroelectronics SRT512_09 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
SRT512
Memory mapping
Doc ID 13277 Rev 4
17/46
4.3
EEPROM area
The 9 blocks between addresses 7 and 15 are EEPROM blocks of 32 bits each (36 bytes in
total). (See Figure 16 for a map of the area.) These blocks can be accessed using the
Read_block and Write_block commands. The Write_block command for the EEPROM area
always includes an auto-erase cycle prior to the write cycle.
Blocks 7 to 15 can be write-protected. Write access is controlled by the 9 bits of the
OTP_Lock_Reg located at block address 255 (see Section 4.4.1: OTP_Lock_Reg for
details). Once protected, these blocks (7 to 15) cannot be unprotected
Figure 16.
EEPROM (addresses 7 to 15)
Block
address
MSb
32-bit block
LSb
Description
Lockable
EEPROM
7
8
9
10
11
User area
User area
User area
User area
User area
Ai12383b
13
14
15
User area
User area
User area
12
User area
b31
b16 b15 b14
b8 b7
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com