Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA2064N Datasheet(PDF) 12 Page - STMicroelectronics

Part # STA2064N
Description  Cartesio??family infotainment application processor with embedded GPS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2064N Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STA2064N Datasheet HTML 8Page - STMicroelectronics STA2064N Datasheet HTML 9Page - STMicroelectronics STA2064N Datasheet HTML 10Page - STMicroelectronics STA2064N Datasheet HTML 11Page - STMicroelectronics STA2064N Datasheet HTML 12Page - STMicroelectronics STA2064N Datasheet HTML 13Page - STMicroelectronics STA2064N Datasheet HTML 14Page - STMicroelectronics STA2064N Datasheet HTML 15Page - STMicroelectronics STA2064N Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
System features introduction
STA2064
12/19
Doc ID 16057 Rev 1
3
System features introduction
In this chapter, an introduction to the main STA2064 system features is given. These will be
explained in detail later in this document.
3.1
Power region partition
STA2064 is a device targeted to wide range of applications, starting from handheld battery
powered devices thanks to an optimzed power management but also addressing in dash
automotive power requirements thanks to its flexibile multivoltage IO.
Three main power regions are identified:
●
Vdd_on: It is the core voltage that powers the RTC (real-time clock), the PMU (Power
Management Unit), SRC (System Clock and Reset controller) and the Backup RAM of
STA2064. Vdd_on remains usually powered even when the device is in DEEP-SLEEP
mode. For this reason, the static power consumption of this region stays below 20uA
worst case.
●
Vdd: It is the core voltage that powers the overall chip (apart from the IOs). This voltage
is not applied in very low power state condition. When applied, the Vdd_on and Vdd are
at the same voltage. A maximum of 10% variation between the two regions is required.
●
Vddio: It is the power region dedicated to the IOs. The overall IOs are divided in seven
groups and each of them can be powered at different, independent voltages. Some
groups may have specific constraint in terms of power voltage range in order to meet
specific electrical characteristic compliant to some standards; some of these groups
are, for example, in the DDR interface and the 1.1 embedded USB transceiver. There is
also a group of IOs called Vddio_on that identifies the IOs that must be always powered
(also in the lowest power consumption state of STA2064) in order to make the wake-up
possible. The other five regions (called also Vddiox) can not be powered while in this
state. For more information, please refer to Chapter 3.6: IO groups on page 16.
3.2
Frequency region partition
STA2064 is designed so that there are two PLLs. PLL1 generates clock frequencies for the
ARM core and the internal buses, while the PLL2 generates clock frequencies for each
peripheral kernel and also for each peripheral interface. This means that each peripheral
receives the clock derived from the PLL1 at its internal interface, then it works with the clock
derived from the PLL2. Despite the use of two PLLs, a single system clock input or a single
external crystal is needed (in addition to the RTC clock (or crystal)).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com