Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA5630 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STA5630
Description  Low power GPS RF front-end
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA5630 Datasheet(HTML) 4 Page - STMicroelectronics

  STA5630 Datasheet HTML 1Page - STMicroelectronics STA5630 Datasheet HTML 2Page - STMicroelectronics STA5630 Datasheet HTML 3Page - STMicroelectronics STA5630 Datasheet HTML 4Page - STMicroelectronics STA5630 Datasheet HTML 5Page - STMicroelectronics STA5630 Datasheet HTML 6Page - STMicroelectronics STA5630 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Pin description
STA5630
4/7
Doc ID 16055 Rev 1
2
Pin description
Table 2.
Pin list description
Pin #
Pin name
Description
Type
1
TP_IF_P
RF/IF receiver chain test positive output
Analog output
2
V12_RFA
RF amplifier (RFA) power supply (1.2V)
Supply pin
3
RFA_IN
RFA input, DC coupled
Analog input
4
V12_IF
IF section power supply (1.2V)
Supply pin
5
V12_OUT
LDO IF/DIG output. Power supply (1.2V) delivered for
IF/ADC/DIG_TCXO/VCO/VDD_IO VCC
Output
6
V12_RF_OUT
LDO RF output: Power supply (1.2V) delivered for
LNA/RFA/MIXER VCC
Output
7
V18_IN
LDOs power supply (1.8V)
Supply pin
8
V12_LNA
Low noise amplifier (LNA) power supply (1.2V)
Supply pin
9
LNA_OUT
LNA output
Analog output
10
GND
Ground
Ground
11
LNA_IN
LNA input, DC coupled
Analog input
12
GND
Ground
Ground
13
CHIP_EN
Chip Enable
Digital input
14
MODE
Power-On Default Configuration Selector
Digital input
15
V18_IO
I/Os power supply (1.8V)
Supply pin
16
GPS_CLK
GPS clock (16.368MHz)
Digital output
17
MAG0
Mag0 data (Last significant bit)
Digital output
18
MAG1
Mag1 data
Digital output
19
SIGN
Sign data (most significant bit)
Digital output
20
SPI_CLK
Serial Parallel Interface Clock
Digital input
21
SPI_NCS
Serial Parallel Interface Chip Select (Active Low - 1.8V
domain)
Digital input
22
SPI_DI
Serial Parallel Interface Data Input
Digital input
23
SPI_DO
Serial Parallel Interface Data Output
Digital output
24
TCXO_CLK
TCXO Buffered Output
Digital output
25
V12_IO
Power supply for I/Os digital section (1.2V)
Supply pin
26
GND_IO
I/Os Ground
Ground
27
TCXO_IN
TCXO Input, DC coupled
Analog input
28
V12_DIG
Digital section and TCXO buffer input power supply (1.2V)
Supply pin
29
V12_VCO
VCO power supply (1.2V)
Supply pin
30
V12_ADC
ADC section power supply (1.2V)
Supply pin
31
V12_MIX
Mixer power supply (1.2V)
Supply pin
32
TP_IF_N
RF/IF receiver chain test negative output
Analog output
EP
GND
Ground
Ground



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com