Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBP120CVDK6F Datasheet(PDF) 13 Page - STMicroelectronics

Part # STBP120CVDK6F
Description  Overvoltage protection device with thermal shutdown
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBP120CVDK6F Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STBP120CVDK6F Datasheet HTML 9Page - STMicroelectronics STBP120CVDK6F Datasheet HTML 10Page - STMicroelectronics STBP120CVDK6F Datasheet HTML 11Page - STMicroelectronics STBP120CVDK6F Datasheet HTML 12Page - STMicroelectronics STBP120CVDK6F Datasheet HTML 13Page - STMicroelectronics STBP120CVDK6F Datasheet HTML 14Page - STMicroelectronics STBP120CVDK6F Datasheet HTML 15Page - STMicroelectronics STBP120CVDK6F Datasheet HTML 16Page - STMicroelectronics STBP120CVDK6F Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
STBP120
Maximum rating
Doc ID 15492 Rev 4
13/36
5
Maximum rating
Stressing the device above the rating listed in the "absolute maximum ratings" table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TSTG
Storage temperature (VIN off)
–55 to 150
C
TSLD
(1)
1.
Reflow at peak temperature of 260 °C. The time above 255 °C must not exceed 30 seconds.
Lead solder temperature for 10 seconds
260
C
TJ
(2)
2.
Maximum junction temperature is internally limited by the thermal shutdown circuit (not valid for reverse
current, see Chapter 3.2).
Operating junction temperature range
–40 to 150
C
TA
Operating ambient temperature range
–40 to 85
C
VIN
Input voltage (pins IN)
–0.3 to 30
V
VIO(OUT)
Input / output voltage (pins OUT)
–0.3 to 12
V
VIO
Input / output voltage (other pins)
–0.3 to 7
V
IIN,
IOUT(MOSFET)
Input / output current through MOSFET (pins IN, OUT)
2000
mA
I(FLT)
Output current (pin FLT)15
mA
VESD
ESD withstand voltage (IEC 61000-4-2, pins IN only)(3)
3.
System-level value (see Figure 4, C1
≥ 1 µF low ESR ceramic capacitor).
±15 (air),
±8 (contact)
kV
Human body model (HBM), Model = 2(4)
4.
Human body model, 100 pF discharged through a 1.5k
Ω resistor according the JESD22/A114
specification.
2000
V
Machine model (MM), Model = B(5)
5.
Machine model, 200 pF discharged through all pins according the JESD22/A115 specification.
200
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com