Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS941 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TS941
Description  Output rail-to-rail micropower operational amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS941 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TS941 Datasheet HTML 3Page - STMicroelectronics TS941 Datasheet HTML 4Page - STMicroelectronics TS941 Datasheet HTML 5Page - STMicroelectronics TS941 Datasheet HTML 6Page - STMicroelectronics TS941 Datasheet HTML 7Page - STMicroelectronics TS941 Datasheet HTML 8Page - STMicroelectronics TS941 Datasheet HTML 9Page - STMicroelectronics TS941 Datasheet HTML 10Page - STMicroelectronics TS941 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
TS941, TS942, TS944
Electrical characteristics
7/18
Figure 1.
Supply current per amplifier vs.
supply voltage in overdrive
Figure 2.
Supply current per amplifier vs.
supply voltage
in Overdrive
02
46
8
10
Supply Voltage (V)
0.0
0.5
1.0
1.5
Vid = - 100mV
Tamb = 25°C
Vid = + 100mV
02
4
6
8
10
Supply Voltage (V)
0.0
0.5
1.0
1.5
2.0
Tamb = 25°C
Figure 3.
Output short-circuit current vs.
temperature
Figure 4.
Supply current per amplifier vs.
temperature
pp
-40
-20
0
20
40
60
80
-6
-4
-2
0
2
4
6
Isink, Vcc=3V
Isource,Vcc=3V
Isink, Vcc=5V
Isource, Vcc=5V
Temperature (°C)
-40
-20
0
20
406080
Temperature (°C)
1.10
1.15
1.20
1.25
1.30
Vcc from 2.5V to 10V
Figure 5.
Output short-circuit current vs.
supply voltage
Figure 6.
Output short-circuit current vs.
output voltage
Supply Voltage
24
6
8
10
-30
-20
-10
0
10
20
30
Source
Sink
Supply Voltage (V)
Tamb = 25°C
Output Voltage
Output Voltage (V)
01
2
3
4
5
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
Vcc = 5V
T = -40°C
T = +85°C
Source
Sink
T = -40°C
T = +25°C
T = +25°C
T = +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com