Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS941AID Datasheet(PDF) 8 Page - STMicroelectronics

Part # TS941AID
Description  Output rail-to-rail micropower operational amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS941AID Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TS941AID Datasheet HTML 4Page - STMicroelectronics TS941AID Datasheet HTML 5Page - STMicroelectronics TS941AID Datasheet HTML 6Page - STMicroelectronics TS941AID Datasheet HTML 7Page - STMicroelectronics TS941AID Datasheet HTML 8Page - STMicroelectronics TS941AID Datasheet HTML 9Page - STMicroelectronics TS941AID Datasheet HTML 10Page - STMicroelectronics TS941AID Datasheet HTML 11Page - STMicroelectronics TS941AID Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Electrical characteristics
TS941, TS942, TS944
8/18
Figure 7.
Output short-circuit current vs.
output voltage
Figure 8.
High level output voltage vs. supply
voltage
Output Voltage (V)
0
1
2
3
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
Vcc = 2.6V
T = +85°C
Source
Sink
T = -40°C
T = -40°C
T = +25°C
T = +25°C
T = +25°C
T = +85°C
2.5
24
6
8
10
1
10
100
1,000
Supply Voltage (V)
RL tied to Vdd
Single Supply
Vid = +100mV
RL=10k ohm
RL=100k ohm
RL=1M ohm
High Level Output Voltage vs Supply Voltage
Figure 9.
Output short-circuit current vs.
output voltage
Figure 10.
Low level output voltage vs. supply
voltage
Output Voltage (V)
01
2
-3.0
-2.0
-1.0
0.0
1.0
2.0
Vcc = 3V
T = -40°C
T = +85°C
Source
Sink
T = -40°C
T = +25°C
T = +25°C
T = +85°C
Output Voltage
3
Low Level Output Voltage vs Supply Voltage
24
6
8
10
1
10
100
1,000
Supply Voltage (V)
RL tied to Vcc
Single Supply
Vid = -100mV
RL=10k ohm
RL=100 ohm
RL=1M ohm
Figure 11.
Output short-circuit current vs.
output voltage
Figure 12.
Gain and phase vs. frequency
Output Voltage
Output Voltage (V)
02
4
6
8
10
-30.0
-20.0
-10.0
0.0
10.0
20.0
30.0
Vcc = 10V
T = -40°C
T = +85°C
Source
Sink
T = -40°C
T = +25°C
T = +25°C
T = +85°C
qy
100
1,000
10,000
100,000
Frequency (Hz)
0
10
20
30
40
50
60
70
40
60
80
100
120
140
160
180
RL = 1M ohm
CL = 50 pF
Vcc = 3V & 5V
gain
phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com