Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV631 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TSV631
Description  Rail-to-rail input/output 60 μA 880 kHz CMOS operational amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV631 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TSV631 Datasheet HTML 8Page - STMicroelectronics TSV631 Datasheet HTML 9Page - STMicroelectronics TSV631 Datasheet HTML 10Page - STMicroelectronics TSV631 Datasheet HTML 11Page - STMicroelectronics TSV631 Datasheet HTML 12Page - STMicroelectronics TSV631 Datasheet HTML 13Page - STMicroelectronics TSV631 Datasheet HTML 14Page - STMicroelectronics TSV631 Datasheet HTML 15Page - STMicroelectronics TSV631 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Application information
TSV630 - TSV631
12/23
3.4
Shutdown function (TSV630)
The operational amplifier is enabled when the SHDN pin is pulled high. To disable the
amplifier, the SHDN must be pulled down to VDD. When in shutdown mode, the amplifier
output is in a high impedance state. The SHDN pin must never be left floating, but tied to
VCC or VDD.
The turn-on and turn-off time are calculated for an output variation of ±200 mV (Figure 18
and Figure 19 show the test configurations).
Figure 18.
Test configuration for turn-on time
(Vout pulled down)
Figure 19.
Test configuration for turn-off time
(Vout pulled down)
Vcc-0.5V
+
-
+Vcc
DUT
GND
GND
Vcc-0.5V
+
-
+Vcc
DUT
GND
GND
Figure 20.
Turn-on time, VCC =5 V,
Vout pulled down, T = 25° C
Figure 21.
Turn-off time, VCC =5V,
Vout pulled down, T = 25° C
Shutdown pulse
Vout
Vcc = 5V
T = 25°C
Time( s)
Shutdown pulse
Vout
Vcc = 5V
T = 25°C
Time( s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com