Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV632 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TSV632
Description  Rail-to-rail input/output 60 μA 880 kHz operational amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV632 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TSV632 Datasheet HTML 9Page - STMicroelectronics TSV632 Datasheet HTML 10Page - STMicroelectronics TSV632 Datasheet HTML 11Page - STMicroelectronics TSV632 Datasheet HTML 12Page - STMicroelectronics TSV632 Datasheet HTML 13Page - STMicroelectronics TSV632 Datasheet HTML 14Page - STMicroelectronics TSV632 Datasheet HTML 15Page - STMicroelectronics TSV632 Datasheet HTML 16Page - STMicroelectronics TSV632 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
TSV63x
Application information
Doc ID 15688 Rev 2
13/26
4
Application information
4.1
Operating voltages
The TSV63x can operate from 1.5 to 5.5 V. Their parameters are fully specified for 1.8-, 3.3-
and 5-V power supplies. However, the parameters are very stable in the full VCC range and
several characterization curves show the TSV63x characteristics at 1.5 V. Additionally, the
main specifications are guaranteed in extended temperature ranges from -40° C to +125° C.
4.2
Rail-to-rail input
The TSV63x are built with two complementary PMOS and NMOS input differential pairs.
The devices have a rail-to-rail input, and the input common mode range is extended from
VCC-- 0.1 V to VCC+ + 0.1 V. The transition between the two pairs appears at VCC+ - 0.7 V. In
the transition region, the performance of CMRR, PSRR, Vio (Figure 16 and Figure 17) and
THD is slightly degraded.
The devices are guaranteed without phase reversal.
4.3
Rail-to-rail output
The operational amplifiers’ output levels can go close to the rails: 35 mV maximum above
and below the rail when connected to a 10 k
Ω resistive load to VCC/2.
4.4
Shutdown function (TSV633 - TSV635)
The operational amplifiers are enabled when the SHDN pin is pulled high. To disable the
amplifiers, the SHDN must be pulled down to VCC-. When in shutdown mode, the amplifiers’
output is in a high impedance state. The SHDN pin must never be left floating, but tied to
VCC+ or VCC-.
Figure 16.
Input offset voltage vs input
common mode at VCC = 1.5 V
Figure 17.
Input offset voltage vs input
common mode at VCC = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com