Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS941BID Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS941BID
Description  Output rail-to-rail micropower operational amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS941BID Datasheet(HTML) 2 Page - STMicroelectronics

  TS941BID Datasheet HTML 1Page - STMicroelectronics TS941BID Datasheet HTML 2Page - STMicroelectronics TS941BID Datasheet HTML 3Page - STMicroelectronics TS941BID Datasheet HTML 4Page - STMicroelectronics TS941BID Datasheet HTML 5Page - STMicroelectronics TS941BID Datasheet HTML 6Page - STMicroelectronics TS941BID Datasheet HTML 7Page - STMicroelectronics TS941BID Datasheet HTML 8Page - STMicroelectronics TS941BID Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Absolute maximum ratings and operating conditions
TS941, TS942, TS944
2/18
1
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
1.
All voltage values, except differential voltage are with respect to network terminal.
12
V
Vid
Differential input voltage (2)
2.
Differential voltages are the non-inverting input terminal with respect to the inverting input terminal.
± VCC
V
Vin
Input voltage range (3)
3.
The magnitude of input and output voltages must never exceed VCC +0.3 V.
VDD-0.3 to VCC+0.3
V
Tstg
Storage temperature range
-65 to +150
°C
Tj
Maximum junction temperature
150
°C
Rthja
Thermal resistance junction to ambient (4)
SOT23-5
SO-8
SO-14
TSSOP8
TSSOP14
4.
Short-circuits can cause excessive heating and destructive dissipation. Rth are typical values.
250
125
103
120
100
°C/W
Rthjc
Thermal resistance junction to case (4)
SOT23-5
SO-8
SO-14
TSSOP8
TSSOP14
81
40
31
37
32
°C/W
ESD
HBM: human body model (5)
5.
Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a
1.5 k
Ω resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are floating.
2kV
MM: machine model (6) (TS941, TS942)
6.
Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of
connected pin combinations while the other pins are floating.
200
V
CDM: charged device model (7)
TS941 - TS944IDT
TS942 - TS944IPT
7.
Charged device model: all pins and the package are charged together to the specified voltage and then
discharged directly to the ground through only one pin. This is done for all pins.
1.5
1
kV
Latch-up immunity
200
mA
Lead temperature (soldering, 10sec)
250
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com