Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV631ICT Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSV631ICT
Description  Rail-to-rail input/output 60 μA 880 kHz CMOS operational amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV631ICT Datasheet(HTML) 1 Page - STMicroelectronics

  TSV631ICT Datasheet HTML 1Page - STMicroelectronics TSV631ICT Datasheet HTML 2Page - STMicroelectronics TSV631ICT Datasheet HTML 3Page - STMicroelectronics TSV631ICT Datasheet HTML 4Page - STMicroelectronics TSV631ICT Datasheet HTML 5Page - STMicroelectronics TSV631ICT Datasheet HTML 6Page - STMicroelectronics TSV631ICT Datasheet HTML 7Page - STMicroelectronics TSV631ICT Datasheet HTML 8Page - STMicroelectronics TSV631ICT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
December 2008
Rev 1
1/23
23
TSV630 - TSV631
Rail-to-rail input/output 60 µA 880 kHz CMOS operational amplifier
Features
■ Low offset voltage: 500 µV max (A version)
■ Low power consumption: 60 µA typ at 5 V
■ Low supply voltage: 1.5 V - 5.5 V
■ Gain bandwidth product: 880 kHz typ
■ Unity gain stability
■ Low power shutdown mode: 5 nA typ
■ High output current: 63 mA at VCC =5V
■ Low input bias current: 1 pA typ
■ Rail-to-rail input and output
■ Extended temperature range: -40°C to +125°C
Applications
■ Battery-powered applications
■ Portable devices
■ Signal conditioning
■ Active filtering
■ Medical instrumentation
Description
The TSV630 and TSV631 devices are single
operational amplifiers offering low voltage, low
power operation and rail-to-rail input and output.
With a very low input bias current and low offset
voltage (500 µV maximum for the A version), the
TSV630 and TSV631 are ideal for applications
that require precision. The devices can operate at
power supplies ranging from 1.5 to 5.5 V, and are
therefore ideal for battery-powered devices,
extending battery life.
These products feature an excellent speed/power
consumption ratio, offering a 880 kHz gain
bandwidth while consuming only 60 µA at a 5-V
supply voltage. These op-amps are unity gain
stable for capacitive loads up to 100 pF.
The devices are internally adjusted to provide
very narrow dispersion of AC and DC parameters,
especially power consumption, product gain
bandwidth and slew rate.
The TSV630 provides a shutdown function.
Both the TSV630 and TSV631 have a high
tolerance to ESD, sustaining 4 kV for the human
body model.
Additionally, they are offered in micropackages,
SC70-6 and SOT23-6 for the TSV630 and
SC70-5 and SOT23-5 for the TSV631. They are
guaranteed for industrial temperature ranges from
-40° C to +125° C.
All these features combined make the TSV630
and TSV631 ideal for sensor interfaces,
battery-supplied and portable applications, as
well as active filtering.
TSV630ICT/ILT
TSV631ICT/ILT
VDD
VCC
In+
In-
Out
1
2
3
5
4
+
_
VDD
VCC
In+
In-
Out
1
2
3
5
4
+
_
1
2
3
5
4
+
_
SC70-6/SOT23-6
SC70-5/SOT23-5
VDD
VCC
In+
In-
Out
1
2
3
6
4
+
_
5 SHDN
VDD
VCC
In+
In-
Out
1
2
3
6
4
+
_
1
2
3
6
4
+
_
5 SHDN
www.st.com


Similar Part No. - TSV631ICT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV631ILT STMICROELECTRONICS-TSV631ILT Datasheet
5Mb / 6P
Training kit for operational amplifiers and comparators
More results

Similar Description - TSV631ICT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6462 NSC-LMC6462 Datasheet
648Kb / 18P
Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
LMC6492 NSC-LMC6492 Datasheet
705Kb / 18P
CMOS Rail-to-Rail Input and Output Operational Amplifier
LPV511 NSC-LPV511 Datasheet
836Kb / 14P
880 nA, Rail-to-Rail Input and Output Operational Amplifier
logo
Analog Devices
OP150 AD-OP150 Datasheet
65Kb / 5P
CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
logo
STMicroelectronics
TSV632 STMICROELECTRONICS-TSV632 Datasheet
1,006Kb / 26P
Rail-to-rail input/output 60 μA 880 kHz operational amplifiers
15-Jun-2009
logo
Texas Instruments
LMC6484QML TI1-LMC6484QML Datasheet
2Mb / 28P
CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
SM73306 TI1-SM73306 Datasheet
918Kb / 22P
SM73306 CMOS Rail-to-Rail Input and Output Operational Amplifier
logo
Analog Devices
OP450 AD-OP450_15 Datasheet
70Kb / 5P
CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
OP-150 AD-OP-150_15 Datasheet
70Kb / 5P
CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
logo
STMicroelectronics
TSV63X STMICROELECTRONICS-TSV63X Datasheet
1Mb / 31P
Dual and quad, rail-to-rail input/output, 60 μA, 880 kHz operational amplifiers
May 2015 Rev 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com