Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV631AICT Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSV631AICT
Description  Rail-to-rail input/output 60 μA 880 kHz CMOS operational amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV631AICT Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSV631AICT Datasheet HTML 6Page - STMicroelectronics TSV631AICT Datasheet HTML 7Page - STMicroelectronics TSV631AICT Datasheet HTML 8Page - STMicroelectronics TSV631AICT Datasheet HTML 9Page - STMicroelectronics TSV631AICT Datasheet HTML 10Page - STMicroelectronics TSV631AICT Datasheet HTML 11Page - STMicroelectronics TSV631AICT Datasheet HTML 12Page - STMicroelectronics TSV631AICT Datasheet HTML 13Page - STMicroelectronics TSV631AICT Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Electrical characteristics
TSV630 - TSV631
10/23
Figure 13.
Distortion + noise vs. frequency
Figure 14.
Distortion + noise vs. frequency
Figure 15.
Noise vs. frequency
10
100
1000
10000
1E-3
0.01
0.1
Vin=3Vpp
10
100
1000
10000
0.01
0.1
Vcc=5.5V
Rl=100k
Ω
Ω
Ω
Vcc=5.5V
Rl=2k
Ω
10
100
1000
10000
50
100
150
200
250
300
Vcc=5V
Tamb=25 C
Vicm=4.5V
Vicm=2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com