Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV632ILT Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSV632ILT
Description  Rail-to-rail input/output 60 μA 880 kHz operational amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV632ILT Datasheet(HTML) 1 Page - STMicroelectronics

  TSV632ILT Datasheet HTML 1Page - STMicroelectronics TSV632ILT Datasheet HTML 2Page - STMicroelectronics TSV632ILT Datasheet HTML 3Page - STMicroelectronics TSV632ILT Datasheet HTML 4Page - STMicroelectronics TSV632ILT Datasheet HTML 5Page - STMicroelectronics TSV632ILT Datasheet HTML 6Page - STMicroelectronics TSV632ILT Datasheet HTML 7Page - STMicroelectronics TSV632ILT Datasheet HTML 8Page - STMicroelectronics TSV632ILT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
June 2009
Doc ID 15688 Rev 2
1/26
26
TSV632, TSV633, TSV634, TSV635
Rail-to-rail input/output 60 µA 880 kHz operational amplifiers
Features
■ Rail-to-rail input and output
■ Low power consumption: 60 µA typ at 5 V
■ Low supply voltage: 1.5 V - 5.5 V
■ Gain bandwidth product: 880 kHz typ
■ Unity gain stability
■ Low power shutdown mode: 5 nA typ
■ Low offset voltage: 800 µV max (A version)
■ Low input bias current: 1 pA typ
■ EMI hardened op-amps
■ High tolerance to ESD: 4 kV HBM
■ Extended temperature range: -40° C to
+125° C
Applications
■ Battery-powered applications
■ Portable devices
■ Signal conditioning
■ Active filtering
■ Medical instrumentation
Description
The TSV63x series of dual and quad operational
amplifiers offers low voltage operation and rail-to-
rail input and output.
This family features an excellent speed/power
consumption ratio, offering a 880 kHz gain-
bandwidth product while consuming only 60 µA at
5 V supply voltage. The devices also feature an
ultra-low input bias current and have a shutdown
mode (TSV633, TSV635).
These features make the TSV63x family ideal for
sensor interfaces, battery-supplied and portable
applications, as well as active filtering.
TSSOP-14
MiniSO-8
SO-8
SOT23-8
TSSOP-16
www.st.com


Similar Part No. - TSV632ILT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV632 STMICROELECTRONICS-TSV632 Datasheet
1Mb / 31P
Dual and quad, rail-to-rail input/output, 60 μA, 880 kHz operational amplifiers
May 2015 Rev 6
TSV632 STMICROELECTRONICS-TSV632 Datasheet
1Mb / 29P
High merit factor (1.15 MHz for 45 μA) rail-to-rail 5 V op amp
Rev 4 - November 2023
TSV632-3-4-5 STMICROELECTRONICS-TSV632-3-4-5 Datasheet
917Kb / 25P
Micropower, wide bandwidth CMOS operational amplifiers
01-Mar-2010
TSV632A STMICROELECTRONICS-TSV632A Datasheet
1Mb / 31P
Dual and quad, rail-to-rail input/output, 60 μA, 880 kHz operational amplifiers
May 2015 Rev 6
More results

Similar Description - TSV632ILT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-184 AD-OP-184 Datasheet
522Kb / 20P
Precision Rail-to-Rail Input & Output Operational Amplifiers
REV.0
OP184 AD-OP184 Datasheet
291Kb / 20P
Precision Rail-to-Rail Input & Output Operational Amplifiers
REV.0
logo
National Semiconductor ...
LPV511 NSC-LPV511 Datasheet
836Kb / 14P
880 nA, Rail-to-Rail Input and Output Operational Amplifier
logo
STMicroelectronics
TSV911 STMICROELECTRONICS-TSV911 Datasheet
344Kb / 18P
Rail-to-rail input/output 8MHz operational amplifiers
28-Aug-2006
TS461 STMICROELECTRONICS-TS461_05 Datasheet
192Kb / 12P
Output Rail-to-Rail Operational Amplifiers
Mar-2005
TSV630 STMICROELECTRONICS-TSV630 Datasheet
818Kb / 23P
Rail-to-rail input/output 60 μA 880 kHz CMOS operational amplifier
19-Dec-2008
logo
SG Micro Corp
SGM8931 SGMICRO-SGM8931 Datasheet
365Kb / 16P
Rail-to-Rail Output Operational Amplifiers
logo
Texas Instruments
LPV321 TI1-LPV321_13 Datasheet
1Mb / 30P
Rail-to-Rail Output Operational Amplifiers
logo
STMicroelectronics
TSV63X STMICROELECTRONICS-TSV63X Datasheet
1Mb / 31P
Dual and quad, rail-to-rail input/output, 60 μA, 880 kHz operational amplifiers
May 2015 Rev 6
logo
Unisonic Technologies
LV358 UTC-LV358_17 Datasheet
408Kb / 12P
RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com