Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDC02D Datasheet(PDF) 3 Page - Motorola, Inc

Part # BDC02D
Description  One Watt Amplifier Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BDC02D Datasheet(HTML) 3 Page - Motorola, Inc

  BDC02D Datasheet HTML 1Page - Motorola, Inc BDC02D Datasheet HTML 2Page - Motorola, Inc BDC02D Datasheet HTML 3Page - Motorola, Inc BDC02D Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BDC02D
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
IC, COLLECTOR CURRENT (mA)
Figure 4. Base–Emitter Temperature Coefficient
–0.8
–2.8
–1.0
–100
–10
θVB for VBE
–0.5
–2.0
–5.0
–20
–50
–200
–1.2
–1.6
–2.0
–2.4
–500
Figure 5. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
–100
–50
–20
–10
–5.0
–2.0
–1.0
–0.5
–0.2
–0.1
100
70
50
30
20
5.0
TJ = 25°C
Cobo
Cibo
10
7.0
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
–2 k
–1.0
MPSW55
–2.0
–5.0
Figure 6. Current–Gain — Bandwidth Product
CURRENT LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
–500
–200
–100
–50
–20
–10
–10
–20
–60 –80 –100
MPSW56
100
µs
1.0 ms
1.0 s
TC = 25°C
TA = 25°C
dc
dc
–1 k
DUTY CYCLE
≤ 10%
IC, COLLECTOR CURRENT (mA)
–200
–70
–50
–30
–20
–10
–7.0
–5.0
–3.0
–2.0
200
100
70
50
20
VCE = –2.0 V
TJ = 25°C
–100
30
Figure 7. Active Region — Safe Operating
Area



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com