Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFR-RFA53SDLF-1GZ00 Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # HFR-RFA53SDLF-1GZ00
Description  High Frequency Surface Mount Attenuators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

HFR-RFA53SDLF-1GZ00 Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  HFR-RFA53SDLF-1GZ00 Datasheet HTML 1Page - IRC - a TT electronics Company. HFR-RFA53SDLF-1GZ00 Datasheet HTML 2Page - IRC - a TT electronics Company. HFR-RFA53SDLF-1GZ00 Datasheet HTML 3Page - IRC - a TT electronics Company. HFR-RFA53SDLF-1GZ00 Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
RFAXX Series Issue February 2009 Sheet 2 of 4
High Frequency
Surface Mount Attenuators
Frequency Performance Data
RFA55DDLF20dB Impedance
RFA55DDLF20dB Attenuation
RFA55DDLF40dB Attenuation
RFA55DDLF40dB Impedance
RFA55DDLF40dB VSWR
RFA55DDLF20dB VSWR
6 Jul 2004 13:57:17
11
1 U FS
1: 50.178 W
1.4336 W
228.16 pH
1 000. 000 000 MHz
2: 50.141 W
2.8203 W
2 GHz
3: 50.213 W
3.8828 W
3 GHz
4: 50.305 W
4.791 W
4 GHz
5: 50.563 W
5.2852 W
5 GHz
START
.030 000 MHz
STOP 6 000. 000 000 MHz
CH1 S
PRm
Cor
↑
1
hp
6 Jul 2004 10:02:26
11
1 U FS
1: 50.076 W
1.4336 W
95.473 pF
1 000. 599 997 MHz
2: 50.617 W
-3.2188 W
2 GHz
3: 51.748 W
-4.8027 W
3 GHz
4: 59.217 W
-6.1836 W
4 GHz
5: 55.033 W
-7.25
W
5 GHz
START
.030 000 MHz
STOP 6 000. 000 000 MHz
CH1 S
PRm
Cor
↑
1
hp
2345
6 Jul 2004 13: 58: 11
CH1 S
log MAG
10 dB/ REF 0 dB
1:
-19.935 dB
1 000. 000 000 MHz
2: -19.771 dB
2 GHz
3: -19.496 dB
3 GHz
4: -19.08 dB
4 GHz
5: -18.997 dB
5 GHz
START
.030 000 MHz
STOP 6 000. 000 000 MHz
21
PRm
Cor
↑
hp
1
2
3
4
5
6 Jul 2004 10: 01: 51
CH1 S
log MAG
10 dB/ REF 0 dB
1:
-39.782 dB
1 000. 599 997 MHz
2: -39.753 dB
2 GHz
3: -40.632 dB
3 GHz
4: -39.283 dB
4 GHz
5: -34.725` dB
5 GHz
START
.030 000 MHz
STOP 6 000. 000 000 MHz
21
PRm
Cor
↑
hp
1
2
3
4
5
6 Jul 2004 13: 57: 44
CH1 S
SWR
1 / REF 1
1:
1.0293
1 000. 000 000 MHz
2: 1.0569
2 GHz
3: 1.0803
3 GHz
4: 1.1001
4 GHz
5: 1.1127
5 GHz
START
.030 000 MHz
STOP 6 000. 000 000 MHz
11
PRm
Cor
↑
hp
1
2
3
4
5
6 Jul 2004 10: 02: 14
CH1 S
SWR
1 / REF 1
1:
1.0339
1 000. 599 997 MHz
2: 1.0677
2 GHz
3: 1.1061
3 GHz
4: 1.1443
4 GHz
5: 1.1831
5 GHz
START
.030 000 MHz
STOP 6 000. 000 000 MHz
11
PRm
Cor
↑
hp
1
2
3
4
5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com