Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFR-RFA100LF-01030 Datasheet(PDF) 3 Page - IRC - a TT electronics Company.

Part # HFR-RFA100LF-01030
Description  High Frequency Surface Mount Attenuators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

HFR-RFA100LF-01030 Datasheet(HTML) 3 Page - IRC - a TT electronics Company.

  HFR-RFA100LF-01030 Datasheet HTML 1Page - IRC - a TT electronics Company. HFR-RFA100LF-01030 Datasheet HTML 2Page - IRC - a TT electronics Company. HFR-RFA100LF-01030 Datasheet HTML 3Page - IRC - a TT electronics Company. HFR-RFA100LF-01030 Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RFAXXX-0 Series Issue February 2009 Sheet 3 of 4
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
11
1 U FS
1: 49.381 W
1.1348 W
180.06 pH
1 002. 999 970 MHz
2: 50.52 W
2.6367 W
1.5 GHz
3: 52.801 W
3.4609 W
2 GHz
4: 56.295 W
2.291 W
2.5 GHz
5: 59.516 W
-1.7363 W
3 GHz
START
.030 000 MHz
STOP 3 000. 000 000 MHz
CH1 S
PRm
Cor
hp
RFA100 030 20DB (S11) Impedance
1
5
4
3
2
11
1 U FS
1: 47.074 W
0.416 W
66.211 pH
1 000. 000 000 MHz
2: 46.797 W
2.9102 W
1.5 GHz
3: 48.965 W
5.1797 W
2 GHz
4: 52.484 W
5.5547 W
2.5 GHz
5: 56.547 W
4.0684 W
3 GHz
START
.030 000 MHz
STOP 3 000. 000 000 MHz
CH1 S
PRm
Cor
hp
RFA100 030 30DB (S11) Impedance
1
4
3
2 5
11
1 U FS
1: 50.135 W
2.7773 W
441.9 pH
1 000. 299 997 MHz
2: 51.611 W
5.4629 W
1.5 GHz
3: 56.348 W
7.5996 W
2 GHz
4: 63.48 W
6.7559 W
2.5 GHz
5: 73.035 W
0.4766 W
3 GHz
START
.030 000 MHz
STOP 3 000. 000 000 MHz
CH1 S
PRm
Cor
hp
RFA150 030 20DB Impedance
1
3
2
5
4
11
1 U FS
1: 49.811 W
1.4063 W
222.94 pH
1 003. 899 961 MHz
2: 50.488 W
3.3457 W
1.5 GHz
3: 53.211 W
5.4258 W
2 GHz
4: 53.67 W
5.0176 W
2.5 GHz
5: 65.172 W
0.957 W
3 GHz
START
.030 000 MHz
STOP 3 000. 000 000 MHz
CH1 S
PRm
Cor
hp
RFA150 030 30DB Impedance
1
5
4
3
2
Frequency Performance Data
High Frequency
Surface Mount Attenuators



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com