Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFR-RFA54DDLF-20GZ00 Datasheet(PDF) 4 Page - IRC - a TT electronics Company.

Part # HFR-RFA54DDLF-20GZ00
Description  High Frequency Surface Mount Attenuators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

HFR-RFA54DDLF-20GZ00 Datasheet(HTML) 4 Page - IRC - a TT electronics Company.

  HFR-RFA54DDLF-20GZ00 Datasheet HTML 1Page - IRC - a TT electronics Company. HFR-RFA54DDLF-20GZ00 Datasheet HTML 2Page - IRC - a TT electronics Company. HFR-RFA54DDLF-20GZ00 Datasheet HTML 3Page - IRC - a TT electronics Company. HFR-RFA54DDLF-20GZ00 Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RFAXX Series Issue February 2009 Sheet 4 of 4
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
High Frequency
Surface Mount Attenuators
Test Condition
Maximum
Load Life
1000 Hours, 70°C
±1.0%
Moisture Load
Life
1000 Hours, 40°C
95% RH
±1.0%
Solder Heat
Resistance
350°C, 3 sec.
±1.0%
Solderability
>95% coverage
Environmental Data
Power Derating Curve
25°
70°
155°
100
60
0
Ambient Temperature (°C)
Ordering Data
Prefix
HFR - RFA53SDLF - 10dB
G Z00
Model
RFA53SDLF; RFA54DDLF; RFA55SDLF; RFA55DDLF
RFA84SDLF; RFA84DDLF; RFA37DDLF
Attenuation
1, 2, 3, 4, 5, 6, 7, 8, 9, 10, 20, 30, 40dB
Impedance Tolerance
G = ±2%
Packaging
Z00 = 100 pcs/bulk package



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com