Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS-57001-C1-R0 Datasheet(PDF) 1 Page - Advanced Thermal Solutions, Inc.

Part # ATS-57001-C1-R0
Description  High Performance LGA Cooling
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.

ATS-57001-C1-R0 Datasheet(HTML) 1 Page - Advanced Thermal Solutions, Inc.

  ATS-57001-C1-R0 Datasheet HTML 1Page - Advanced Thermal Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Details
DIMENSION A
DIMENSION B
DIMENSION C
DIMENSION D
INTERFACE MATERIAL
FINISH
Notes:
Dimension C = heat sink height from bottom of the base to the top of the fin field.
Thermal performance data are provided for reference only. Actual performance may vary
by application.
ATS reserves the right to update or change its products without notice to improve the
design or performance.
Contact ATS to learn about custom options available.
1)
2)
3)
4)
thermal Performance
For more information, to find a distributor or to place an order, visit www.qats.com or
call: 781.769.2800 (North America); +31 (0) 3569 84715 (Europe).
ATS PART # ATS-57001-C1-R0
Features & Benefits
High Performance LGA Cooling
solutions
REV1_0908
AIR VELOCITy
THERMAL RESISTANCE
FT/MIN
M/S
°C/W (UNDUCTED FLOW)
°C/W (DUCTED FLOW)
200
1.0
300
1.5
400
2.0
500
2.5
600
3.0
700
3.5
800
4.0
1.01
0.81
0.7
0.62
0.57
0.52
0.48
0.6
56 mm
56 mm
31 mm
N/A mm
BLACK-ANODIZED
NO TIM
Provides high capacity cooling for high power LGAs
Unique attachment minimizes mechanical stress on the
device
Includes spring-loaded, push pin mounts for direct
attachment to the PCB
»
»
»
A
B
C
D
*Image above is for illustration purposes only.


Similar Part No. - ATS-57001-C1-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-57000-C1-R0 ATS-ATS-57000-C1-R0 Datasheet
267Kb / 1P
High Performance LGA Cooling
REV1_0908
ATS-57002-C1-R0 ATS-ATS-57002-C1-R0 Datasheet
299Kb / 1P
High Performance LGA Cooling
REV1_0908
ATS-57003-C1-R0 ATS-ATS-57003-C1-R0 Datasheet
292Kb / 1P
High Performance LGA Cooling
REV1_0908
More results

Similar Description - ATS-57001-C1-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-53170R-C2-R0 ATS-ATS-53170R-C2-R0 Datasheet
299Kb / 1P
High Performance BGA Cooling
REV1_0908
ATS-53190D-C2-R0 ATS-ATS-53190D-C2-R0 Datasheet
286Kb / 1P
High Performance BGA Cooling
REV1_0908
ATS-53230K-C2-R0 ATS-ATS-53230K-C2-R0 Datasheet
294Kb / 1P
High Performance BGA Cooling
REV1_0908
ATS-53300D-C2-R0 ATS-ATS-53300D-C2-R0 Datasheet
289Kb / 1P
High Performance BGA Cooling
REV1_0908
ATS-53310D-C2-R0 ATS-ATS-53310D-C2-R0 Datasheet
289Kb / 1P
High Performance BGA Cooling
REV1_0908
ATS-53310R-C2-R0 ATS-ATS-53310R-C2-R0 Datasheet
302Kb / 1P
High Performance BGA Cooling
REV1_0908
ATS-53325D-C2-R0 ATS-ATS-53325D-C2-R0 Datasheet
290Kb / 1P
High Performance BGA Cooling
REV1_0908
ATS-57000-C1-R0 ATS-ATS-57000-C1-R0 Datasheet
267Kb / 1P
High Performance LGA Cooling
REV1_0908
ATS-57002-C1-R0 ATS-ATS-57002-C1-R0 Datasheet
299Kb / 1P
High Performance LGA Cooling
REV1_0908
ATS-57003-C1-R0 ATS-ATS-57003-C1-R0 Datasheet
292Kb / 1P
High Performance LGA Cooling
REV1_0908
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com