Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS-58001-C1-R0 Datasheet(PDF) 1 Page - Advanced Thermal Solutions, Inc.

Part # ATS-58001-C1-R0
Description  High Peformance LED Cooling Solutions
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.

ATS-58001-C1-R0 Datasheet(HTML) 1 Page - Advanced Thermal Solutions, Inc.

  ATS-58001-C1-R0 Datasheet HTML 1Page - Advanced Thermal Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Details
DIMENSION A
DIMENSION B
DIMENSION C
DIMENSION D
INTERFACE MATERIAL
FINISH
Notes:
D
imension C = heat sink height from bottom of the base to the top of the fin field.
Thermal performance data are provided for reference only. Actual performance may vary
by application.
ATS reserves the right to update or change its products without notice to improve the
design or performance.
Contact ATS to learn about custom options available.
1)
2)
3)
4)
thermal Performance
For more information, to find a distributor or to place an order, visit www.qats.com or
call: 781.769.2800 (North America); +31 (0) 3569 84715 (Europe).
ATS PART # ATS-58001-C1-R0
Features & Benefits
High Peformance LeD Cooling solutions
REV1_0908
AIR VELOCITy
THERMAL RESISTANCE
FT/MIN
M/S
°C/W (UNDUCTED FLOW)
°C/W (DUCTED FLOW)
200
1.0
300
1.5
400
2.0
500
2.5
600
3.0
700
3.5
800
4.0
1.3
0.8
0.6
0.5
0.4
0.4
0.3
0.5
305 mm
45 mm
26 mm
87 mm
BLACK-ANODIZED
SAINT-gOBAIN NO TIM
Designed for cooling linear LED lighting products
maxiFLOW™ design features a low profile, spread fin
array that maximizes surface area for more effective
convection (air) cooling
Reduces LED temperatures by more than 50%
Fabricated from extruded aluminum, which minimizes
thermal resistance from the base to the fins, reduces
weight and keeps costs low
»
»
»
»
C
B
A
D
*Image above is for illustration purposes only.


Similar Part No. - ATS-58001-C1-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-58000-C1-R0 ATS-ATS-58000-C1-R0 Datasheet
211Kb / 1P
High Peformance LED Cooling Solutions
REV1_0908
ATS-58002-C1-R0 ATS-ATS-58002-C1-R0 Datasheet
206Kb / 1P
High Peformance LED Cooling Solutions
REV1_0908
More results

Similar Description - ATS-58001-C1-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-58000-C1-R0 ATS-ATS-58000-C1-R0 Datasheet
211Kb / 1P
High Peformance LED Cooling Solutions
REV1_0908
ATS-58002-C1-R0 ATS-ATS-58002-C1-R0 Datasheet
206Kb / 1P
High Peformance LED Cooling Solutions
REV1_0908
logo
RMT Ltd.
1MC04018 RMT-1MC04018_1 Datasheet
2Mb / 8P
Thermoelectric Cooling Solutions
2MC06015 RMT-2MC06015 Datasheet
2Mb / 8P
Thermoelectric Cooling Solutions
2MC06041 RMT-2MC06041_1 Datasheet
2Mb / 8P
Thermoelectric Cooling Solutions
2MC06081 RMT-2MC06081 Datasheet
2Mb / 8P
Thermoelectric Cooling Solutions
3MC04046 RMT-3MC04046 Datasheet
2Mb / 9P
Thermoelectric Cooling Solutions
3MC04076 RMT-3MC04076 Datasheet
2Mb / 8P
Thermoelectric Cooling Solutions
3MC06024 RMT-3MC06024 Datasheet
2Mb / 8P
Thermoelectric Cooling Solutions
3MC06046 RMT-3MC06046 Datasheet
2Mb / 8P
Thermoelectric Cooling Solutions
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com