Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS-60003-C2-R0 Datasheet(PDF) 1 Page - Advanced Thermal Solutions, Inc.

Part # ATS-60003-C2-R0
Description  Low Profile, High Performance Cooling
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.

ATS-60003-C2-R0 Datasheet(HTML) 1 Page - Advanced Thermal Solutions, Inc.

  ATS-60003-C2-R0 Datasheet HTML 1Page - Advanced Thermal Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Details
DIMENSION A
DIMENSION B
DIMENSION C
DIMENSION D
INTERFACE MATERIAL
FINISH
Notes:
Dimension C = heat sink height from bottom of the base to the top of the fin field.
Thermal performance data are provided for reference only. Actual performance may vary
by application.
ATS reserves the right to update or change its products without notice to improve the
design or performance.
Contact ATS to learn about custom options available.
1)
2)
3)
4)
thermal Performance
For more information, to find a distributor or to place an order, visit www.qats.com or
call: 781.769.2800 (North America); +31 (0) 3569 84715 (Europe).
ATS PART # ATS-60003-C2-R0
Features & Benefits
Low Profile, High Performance Cooling
Solutions w/Thermal Tape Attachment
REV1_0908
AIR VELOCITy
THERMAL RESISTANCE
FT/MIN
M/S
°C/W (UNDUCTED FLOW)
°C/W (DUCTED FLOW)
200
1.0
300
1.5
400
2.0
500
2.5
600
3.0
700
3.5
800
4.0
2.2
1.8
1.6
1.5
1.4
1.3
29.9
1.4
61 mm
58.2 mm
7 mm
87.1 mm
BLUE-ANODIZED
SAINT-gOBAIN C675
blueICE™ heat sinks feature an ultra low profile for tough-
to-cool applications
Designed for high performance in low air velocities
Ideal for telecommunications applications where space is
limited
Comes preassembled with high performance thermal
interface material
»
»
»
»
C
D
A
B
*Image above is for illustration purposes only.


Similar Part No. - ATS-60003-C2-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-60003-C2-R0 ATS-ATS-60003-C2-R0 Datasheet
251Kb / 1P
Low Profile, High Performance Cooling
More results

Similar Description - ATS-60003-C2-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-53170R-C2-R0 ATS-ATS-53170R-C2-R0 Datasheet
299Kb / 1P
High Performance BGA Cooling
REV1_0908
ATS-60000-C2-R0 ATS-ATS-60000-C2-R0 Datasheet
272Kb / 1P
Low Profile, High Performance Cooling
REV1_0908
ATS-60001-C2-R0 ATS-ATS-60001-C2-R0 Datasheet
271Kb / 1P
Low Profile, High Performance Cooling
REV1_0908
ATS-60002-C2-R0 ATS-ATS-60002-C2-R0 Datasheet
272Kb / 1P
Low Profile, High Performance Cooling
REV1_0908
ATS-60004-C2-R0 ATS-ATS-60004-C2-R0 Datasheet
272Kb / 1P
Low Profile, High Performance Cooling
REV1_0908
ATS1376 ATS-ATS1376 Datasheet
205Kb / 1P
Low Profile, High Performance Cooling
ATS1377 ATS-ATS1377 Datasheet
204Kb / 1P
Low Profile, High Performance Cooling
ATS1378 ATS-ATS1378 Datasheet
251Kb / 1P
Low Profile, High Performance Cooling
ATS1379 ATS-ATS1379 Datasheet
251Kb / 1P
Low Profile, High Performance Cooling
ATS1380 ATS-ATS1380 Datasheet
251Kb / 1P
Low Profile, High Performance Cooling
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com