Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFR-RFTF10-C50OHMF Datasheet(PDF) 3 Page - IRC - a TT electronics Company.

Part # HFR-RFTF10-C50OHMF
Description  High Frequency Surface Mount Terminator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

HFR-RFTF10-C50OHMF Datasheet(HTML) 3 Page - IRC - a TT electronics Company.

  HFR-RFTF10-C50OHMF Datasheet HTML 1Page - IRC - a TT electronics Company. HFR-RFTF10-C50OHMF Datasheet HTML 2Page - IRC - a TT electronics Company. HFR-RFTF10-C50OHMF Datasheet HTML 3Page - IRC - a TT electronics Company. HFR-RFTF10-C50OHMF Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RFTF Series Issue January 2009 Sheet 3 of 4
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
High Frequency
Surface Mount Terminator
Physical Data
Notes: Length of lead for all models is 5.08mm. Lead thickness is 0.1mm.
Dimensions (mm)
Model
A
B
C
D
E
F
G
H
J
K
RFTF10
7.6
5.10
3.1
5.0
3.0
3.0
2.9
1.5
0.8
2.2
RFTF50
20.3
5.70
3.1
14.2
–
8.5
3.2
1.5
1.5
2.6
RFTF100
20.3
5.70
3.1
14.2
–
6.3
3.2
1.5
1.5
2.6
RFTF150
20.3
5.70
3.1
14.2
–
8.5
3.2
1.5
1.5
2.6
RFTF250
25.0
9.53
4.6
18.42
–
9.6
3.2
3.0
3.0
4.1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com