Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFR-RFTF150-C50OHMF Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # HFR-RFTF150-C50OHMF
Description  High Frequency Surface Mount Terminator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

HFR-RFTF150-C50OHMF Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  HFR-RFTF150-C50OHMF Datasheet HTML 1Page - IRC - a TT electronics Company. HFR-RFTF150-C50OHMF Datasheet HTML 2Page - IRC - a TT electronics Company. HFR-RFTF150-C50OHMF Datasheet HTML 3Page - IRC - a TT electronics Company. HFR-RFTF150-C50OHMF Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
RFTF Series Issue January 2009 Sheet 1 of 4
• Low return loss
• High power dissipation up to 250W
• Long life, temperature stable thin film technology
RFTF Series
High Frequency
Surface Mount Terminator
RFTF10
RFTF50
RFTF100
RFTF150
RFTF250
Power Rating
10W
50W
100W
150W
250W
Capacitance
<0.5pF
<1.0pF
<1.0pF
<2.0pF
<3.0pF
VSWR
<1.2
<1.2
<1.3
<1.4
<1.8
Resistance
50
Ω
Frequency Range
DC to 3GHz
Tolerance
±1%
Absolute TCR
±50ppm/°C
Rated Voltage
√ P x R
Operating
Temperature Range
-55°C to +155°C
Electrical Data
IRC’s RFTF series utilizes the combined benefits flange cooling and
the high thermal conductivity of aluminum nitride (AIN) to provide power
ratings from 10W to 250W. This series comes with single-sided or double-sided flanges and single leaded terminal
configurations, adding increased RF design flexibility. Typical applications for the RFTF series include aerospace,
wireless communication, satellites, RF power sources and power amplifiers.


Similar Part No. - HFR-RFTF150-C50OHMF

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
HFR-RFT010110-C50OHMFZ00 IRCTT-HFR-RFT010110-C50OHMFZ00 Datasheet
237Kb / 3P
High Power Flanged RF Terminators
HFR-RFT010120-C50OHMFZ00 IRCTT-HFR-RFT010120-C50OHMFZ00 Datasheet
237Kb / 3P
High Power Flanged RF Terminators
HFR-RFT010130-C50OHMFZ00 IRCTT-HFR-RFT010130-C50OHMFZ00 Datasheet
237Kb / 3P
High Power Flanged RF Terminators
HFR-RFT010140-C50OHMFZ00 IRCTT-HFR-RFT010140-C50OHMFZ00 Datasheet
237Kb / 3P
High Power Flanged RF Terminators
HFR-RFT050110-C50OHMFZ00 IRCTT-HFR-RFT050110-C50OHMFZ00 Datasheet
237Kb / 3P
High Power Flanged RF Terminators
More results

Similar Description - HFR-RFTF150-C50OHMF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IMC-0805 VISHAY-IMC-0805 Datasheet
63Kb / 1P
High Frequency, Surface Mount, Molded
10-Sep-03
logo
IRC - a TT electronics ...
HFR-PAT1220-C-0-T IRCTT-HFR-PAT1220-C-0-T Datasheet
259Kb / 3P
High Frequency Surface Mount Attenuators
HFR-PAT3042WLF-50R0-0A IRCTT-HFR-PAT3042WLF-50R0-0A Datasheet
358Kb / 2P
High Frequency Surface Mount Attenuators
HFR-PCH1632LF IRCTT-HFR-PCH1632LF Datasheet
380Kb / 2P
High Frequency Surface Mount Attenuators
HFR-RFA53SDLF-1GZ00 IRCTT-HFR-RFA53SDLF-1GZ00 Datasheet
619Kb / 4P
High Frequency Surface Mount Attenuators
HFR-RFH52LF-C50OHMF IRCTT-HFR-RFH52LF-C50OHMF Datasheet
492Kb / 3P
High Frequency Surface Mount Terminators
logo
American Accurate Compo...
THFF10X-50FYM AAC-THFF10X-50FYM Datasheet
159Kb / 3P
HIGH FREQUENCY FLANGED TERMINATOR - Surface Mount
logo
Vishay Siliconix
IMC1008ERR15J VISHAY-IMC1008ERR15J Datasheet
105Kb / 3P
High Frequency, Surface Mount Inductors
10-Aug-06
IMC-1008 VISHAY-IMC-1008_17 Datasheet
104Kb / 3P
High Frequency, Surface Mount Inductors
08-Jan-15
IMC-1008 VISHAY-IMC-1008_V01 Datasheet
87Kb / 3P
High Frequency, Surface Mount Inductors
08-Jan-15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com