Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFR-RFTF250-C50OHMF Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # HFR-RFTF250-C50OHMF
Description  High Frequency Surface Mount Terminator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

HFR-RFTF250-C50OHMF Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  HFR-RFTF250-C50OHMF Datasheet HTML 1Page - IRC - a TT electronics Company. HFR-RFTF250-C50OHMF Datasheet HTML 2Page - IRC - a TT electronics Company. HFR-RFTF250-C50OHMF Datasheet HTML 3Page - IRC - a TT electronics Company. HFR-RFTF250-C50OHMF Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
RFTF Series Issue January 2009 Sheet 2 of 4
High Frequency
Surface Mount Terminator
Frequency Performance Data
180
160
140
120
100
80
60
40
20
0
20
0
40 60 80 100 120 140 160 180 200 220
180
160
140
120
100
80
60
40
20
0
0
40 60 80 100 120 140 160 180 200 220
20
24
0
26
0
Applied Power (W)
VSWR, RFTF150C, 50ΩF
VSWR, RFTF250C, 50ΩF
RFTF150C, 50ΩF with 0.2K/W Heatsink
Flange
Resistive Film
S11, RFTF250C, 50ΩF
S11, RFTF150C, 50ΩF
RFTF250C, 50ΩF with 0.2K/W Heatsink
Applied Power (W)
Flange
Resistive Film
Hotspot
on heatsink
1 Jul 2004 16:11:56
11
1 U FS
1: 59.191
W
0.1348 W
21.436 pF
1 000. 599 997 MHz
2: 57.301 W
-3.7441 W
1.5 GHz
3: 57.635 W
-2.8965 W
2 GHz
4: 56.9 W
-8.5816 W
2.5 GHz
5: 59.424 W
-13.693 W
3 GHz
START .030 000 MHz
STOP 6 000. 000 000 MHz
CH1 S
PRm
Cor
↑
1
2
3
4
5
31 Oct 2009 10:20:59
11
1 U FS
1: 43.793
W
12.256 W
1.9973 pF
976. 600 236 MHz
2: 67.121 W
2.5078 W
1.5 GHz
3: 42.387 W
-13.676 W
2 GHz
4: 34.971 W
11.443 W
2.5 GHz
5: 86.086 W
5.1445 W
3 GHz
START .030 000 MHz
STOP 3 000. 000 000 MHz
CH1 S
PRm
Cor
↑
1
2
3
4
5
14 Apr 2007 10: 51: 29
CH1 S11
SWR
1 / REF 1
1:
1.1665
1 000. 599 997 MHz
2: 1.1698
1.5 GHz
3: 1.1692
2 GHz
4: 1.2772
2.5 GHz
5: 1.3176
3 GHz
START
.030 000 MHz
STOP 6 000. 000 000 MHz
PRm
Cor
↑
hp
1
2
3
4
5
27 Oct 2008 10: 56: 33
CH1 S11
SWR
1 / REF 1
1:
1.3064
1 000. 000 000 MHz
2: 1.3143
1.5 GHz
3: 1.4061
2 GHz
4: 1.605
2.5 GHz
5: 1.7128
3 GHz
START
.030 000 MHz
STOP 3 000. 000 000 MHz
PRm
Cor
↑
hp
1
2
3
4
5
Hotspot
on heatsink



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com