Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXG7003FN Datasheet(PDF) 2 Page - Sony Corporation

Part # CXG7003FN
Description  Power Amplifier/Antenna Switch Low Noise Down Conversion Mixer for PHS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG7003FN Datasheet(HTML) 2 Page - Sony Corporation

  CXG7003FN Datasheet HTML 1Page - Sony Corporation CXG7003FN Datasheet HTML 2Page - Sony Corporation CXG7003FN Datasheet HTML 3Page - Sony Corporation CXG7003FN Datasheet HTML 4Page - Sony Corporation CXG7003FN Datasheet HTML 5Page - Sony Corporation CXG7003FN Datasheet HTML 6Page - Sony Corporation CXG7003FN Datasheet HTML 7Page - Sony Corporation CXG7003FN Datasheet HTML 8Page - Sony Corporation CXG7003FN Datasheet HTML 9Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
– 2 –
CXG7003FN
Block Diagram and External Circuit
Pin Configuration
30pF
VGG
2.2nH
PIN
18nH
1nF
1nF
VDD1
18nH
1nF
30pF
VDD2
82nH
1nF
5pF
100pF
1.8nH
10nF
VDD3
VCTL2
VDD
(IF AMP, MIX)
100pF
(POUT)
(TX)
1pF
100pF
IFOUT
30pF
100nF
13pF
10pF
10nH
6.8nH
(RFIN)
(RX)
ANT1
VDD
(LO AMP)
LOIN
VCTL1
30pF
30pF
2.2nH
3.9nH
VDD
(RF AMP)
1nF
18pF
1nF
13pF
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
21
20
22
23
24
25
26
ANT2
VGG
CAP
POUT
TX
VCTL1
ANT2
ANT1
GND
GND
VDD (RF AMP)
GND
VDD (LO AMP)
LOIN
PIN
GND
VDD1
VDD2
VDD3
GND
RX
VCTL2
RFIN
CAP
GND
CAP
IFOUT/VDD (IF AMP, MIX)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
21
20
22
23
24
25
26



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com