Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC5607 Datasheet(PDF) 3 Page - Texas Instruments

Part # UC5607
Description  Plug and Play, 18-Line SCSI Active Terminator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC5607 Datasheet(HTML) 3 Page - Texas Instruments

  UC5607 Datasheet HTML 1Page - Texas Instruments UC5607 Datasheet HTML 2Page - Texas Instruments UC5607 Datasheet HTML 3Page - Texas Instruments UC5607 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
UC5607
Figure 1: Typical SCSI Bus Configuration Utilizing UC5607 Device
APPLICATION INFORMATION
UDG-98136
UNITRODE CORPORATION
7 CONTINENTAL BLVD. • MERRIMACK, NH 03054
TEL. (603) 424-2410
_FAX (603) 424-3460
ELECTRICAL CHARACTERISTICS Unless otherwise stated, these specifications apply for TA = 0°C to 70°C.
TRMPWR = 4.75V, DISCNCT1 = DISCNCT2 = 2.2V. TA =TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
S
Supply Current Section
Termpwr Supply Current
All termination lines = Open
30
45
mA
All termination lines = 0.5V
420
470
mA
Power Down Mode
DISCNCT1 = DISCNCT2 = 0V
300
500
mA
Output Section (Terminator Lines)
Terminator Impedance
DILINE = –5mA to –15mA
TJ = 25°C
102
110
118
Ohms
0°C<TJ < 70°C
97
110
129
Ohms
Output High Voltage
VTRMPWR = 4V (Note 1)
TJ =25
°C
2.6
2.9
3.1
V
0°C<TJ < 70°C
2.55
2.9
3.2
V
Max Output Current
VLINE = 0.5V
TJ = 25°C
–19.5
–21.9
–22.4
mA
0°C<TJ < 70°C –18.5
–21.9
–22.4
mA
Max Output Current
VLINE = 0.5V, TRMPWR = 4V (Note 1)
TJ = 25°C
–18.0
–21.9
–22.4
mA
0°C<TJ < 70°C –17.0
–21.9
–22.4
mA
Output Leakage
DISCNCT1 = DISCNCT2 = 0V, TRMPWR = 0V to 5.25V
10
400
nA
Output Capacitance
DISCNCT1 = DISCNCT2 = 0V (Note 2)
8
10
pF
Regulator Section
Regulator Output Voltage
All Termination Lines = 5V
TJ = 25°C
2.7
2.9
3.1
V
0°C<TJ < 70°C
2.55
2.9
3.2
V
Line Regulation
TRMPWR = 4V to 6V
10
20
mV
Load Regulation
IREG = +100mA to –100mA
20
50
mV
Note 1: Measuring each termination line while other 17 are low (0.5V).
Note 2: Guaranteed by design. Not 100% tested in production.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com