Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C024AV Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C024AV
Description  3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C024AV Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C024AV Datasheet HTML 1Page - Cypress Semiconductor CY7C024AV Datasheet HTML 2Page - Cypress Semiconductor CY7C024AV Datasheet HTML 3Page - Cypress Semiconductor CY7C024AV Datasheet HTML 4Page - Cypress Semiconductor CY7C024AV Datasheet HTML 5Page - Cypress Semiconductor CY7C024AV Datasheet HTML 6Page - Cypress Semiconductor CY7C024AV Datasheet HTML 7Page - Cypress Semiconductor CY7C024AV Datasheet HTML 8Page - Cypress Semiconductor CY7C024AV Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
CY7C024AV/024BV/025AV/026AV
CY7C0241AV/0251AV/036AV
3.3V 4K/8K/16K x 16/18 Dual-Port
Static RAM
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document #: 38-06052 Rev. *J
Revised December 10, 2008
Features
■ True dual-ported memory cells which enable simultaneous
access of the same memory location
■ 4, 8 or 16K × 16 organization
■ (CY7C024AV/024BV
[1]/ 025AV/026AV)
■ 4 or 8K × 18 organization (CY7C0241AV/0251AV)
■ 16K × 18 organization (CY7C036AV)
■ 0.35 micron CMOS for optimum speed and power
■ High speed access: 20 and 25 ns
■ Low operating power
❐ Active: ICC = 115 mA (typical)
❐ Standby: ISB3 = 10 μA (typical)
■ Fully asynchronous operation
■ Automatic power down
■ Expandable data bus to 32 bits, 36 bits or more using Master
and Slave chip select when using more than one device
■ On chip arbitration logic
■ Semaphores included to permit software handshaking
between ports
■ INT flag for port-to-port communication
■ Separate upper byte and lower byte control
■ Pin select for Master or Slave (M/S)
■ Commercial and industrial temperature ranges
■ Available in 100-pin Pb-free TQFP and 100-pin TQFP
Notes
1. CY7C024AV and CY7C024BV are functionally identical.
2. IO8–IO15 for x16 devices; IO9–IO17 for x18 devices.
3. IO0–IO7 for x16 devices; IO0–IO8 for x18 devices.
4. A0–A11 for 4K devices; A0–A12 for 8K devices; A0–A13 for 16K devices.
5. BUSY is an output in master mode and an input in slave mode.
R/WL
OEL
IO8/9L–IO15/17L
IO
Control
Address
Decode
A0L–A11/12/13L
CEL
OEL
R/WL
BUSYL
IO
Control
CEL
Interrupt
Semaphore
Arbitration
SEML
INTL
M/S
UBL
LBL
IO0L–IO7/8L
R/WR
OER
IO8/9L–IO15/17R
CER
UBR
LBR
IO0L–IO7/8R
UBL
LBL
A0L–A11/1213L
True Dual-Ported
RAM Array
A0R–A11/12/13R
CER
OER
R/WR
BUSYR
SEMR
INTR
UBR
LBR
Address
Decode
A0R–A11/12/13R
[2]
[2]
[3]
[3]
[5]
[5]
12/13/14
8/9
8/9
12/13/14
8/9
8/9
12/13/14
12/13/14
[4]
[4]
[4]
[4]
Logic Block Diagram
[+] Feedback


Similar Part No. - CY7C024AV

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C024AV CYPRESS-CY7C024AV Datasheet
241Kb / 19P
3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV Datasheet
247Kb / 19P
3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV Datasheet
590Kb / 20P
3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM 4, 8 or 16K 횞 16 organization
CY7C024AV-15AI CYPRESS-CY7C024AV-15AI Datasheet
247Kb / 19P
3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV-15AXI CYPRESS-CY7C024AV-15AXI Datasheet
247Kb / 19P
3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
More results

Similar Description - CY7C024AV

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C024AV CYPRESS-CY7C024AV Datasheet
241Kb / 19P
3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024V CYPRESS-CY7C024V Datasheet
248Kb / 19P
3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C09349AV CYPRESS-CY7C09349AV Datasheet
321Kb / 16P
3.3V 4K/8K x 18 Synchronous Dual-Port Static RAM
CYDC256B16 CYPRESS-CYDC256B16 Datasheet
610Kb / 26P
1.8V 4k/8k/16k x 16 and 8k/16k x 8 ConsuMoBL Dual-Port Static RAM
CYDM256B16 CYPRESS-CYDM256B16 Datasheet
889Kb / 25P
1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV_05 Datasheet
247Kb / 19P
3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CYDM256A16 CYPRESS-CYDM256A16 Datasheet
499Kb / 25P
1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_09 Datasheet
571Kb / 24P
1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_11 Datasheet
654Kb / 27P
1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV_11 Datasheet
590Kb / 20P
3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM 4, 8 or 16K 횞 16 organization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com