Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC1806 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCC1806
Description  Low Power, Dual Output, Current Mode PWM Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC1806 Datasheet(HTML) 1 Page - Texas Instruments

  UCC1806 Datasheet HTML 1Page - Texas Instruments UCC1806 Datasheet HTML 2Page - Texas Instruments UCC1806 Datasheet HTML 3Page - Texas Instruments UCC1806 Datasheet HTML 4Page - Texas Instruments UCC1806 Datasheet HTML 5Page - Texas Instruments UCC1806 Datasheet HTML 6Page - Texas Instruments UCC1806 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UCC1806
UCC2806
UCC3806
Low Power, Dual Output, Current Mode PWM Controller
FEATURES
• BiCMOS Version of UC1846 Families
• 1.4mA Maximum Operating Current
• 100µA Maximum Startup Current
• 1.0A Peak Output Current
• 125nsec Circuit Delay
• Easier Parallelability
• Improved Benefits of Current Mode
Control
DESCRIPTION
The UCC1806 family of BiCMOS PWM controllers offers exceptionally im-
proved performance with a familiar architecture. With the same block dia-
gram and pinout of the popular UC1846 series, the UCC1806 line features
increased switching frequency capability while greatly reducing the bias
current used within the device. With a typical startup current of 50
µA and a
well defined voltage threshold for turn-on, these devices are favored for ap-
plications ranging from off-line power supplies to battery operated portable
equipment. Dual high current, FET driving outputs and a fast current sense
loop further enhance device versatility.
All the benefits of current mode control including simpler loop closing, volt-
age feed-forward, parallelability with current sharing, pulse-by-pulse current
limiting, and push-pull symmetry correction are readily achievable with the
UCC1806 series.
(continued)
10
7
3
8
SYNC
9
RT
4.4V
1.5V
OSC
LO
CT
3X
4
5
EA
6
120
µA
1
S
1
QB
R
S
2
13
VC
11
AOUT
14
BOUT
12
GND
T
Q
QB
SHUTDOWN
LOCK OUT
S
1
Q
R
S
2
200
µA
Q
R
S
16
200k
1.00V
0.35V
Q
R
S
CURRENT LIMIT
RESTART
UNDER VOLTAGE LOCKOUT
15
15V
5.1V
REFERENCE
REGULATOR
REFERENCE LOW
4.25V
2
CURLIM
SHUTDOWN
VREF
0.5V
–
+
COMP
7.0V
7.5V
CS–
CS+
NI
INV
COMP
VIN
BLOCK DIAGRAM
SLUS272A - FEBRUARY 2000
UDG-99035
application
INFO
available
Pin numbers refer to DIL-16 package.


Similar Part No. - UCC1806

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1806 TI-UCC1806 Datasheet
726Kb / 21P
LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
UCC1806 TI1-UCC1806 Datasheet
1Mb / 32P
LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
UCC1806 TI1-UCC1806 Datasheet
1Mb / 33P
LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
UCC1806-SP TI1-UCC1806-SP Datasheet
1Mb / 33P
LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
UCC1806D TI-UCC1806D Datasheet
726Kb / 21P
LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
More results

Similar Description - UCC1806

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28C40 TI-UCC28C40 Datasheet
296Kb / 19P
BICMOS LOW POWER CURRENT MODE PWM CONTROLLER
UCC2806 TI-UCC2806 Datasheet
726Kb / 21P
LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
UCC28C40 TI-UCC28C40_11 Datasheet
759Kb / 32P
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C43DGKR TI1-UCC28C43DGKR Datasheet
894Kb / 32P
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C45DR TI1-UCC28C45DR Datasheet
894Kb / 32P
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC1806 TI1-UCC1806_13 Datasheet
1Mb / 32P
LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
UCC28C40 TI1-UCC28C40_12 Datasheet
894Kb / 32P
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI1-UCC28C40_14 Datasheet
1Mb / 34P
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
logo
ON Semiconductor
NCP1256 ONSEMI-NCP1256 Datasheet
398Kb / 24P
Low Power Offline PWM Current Mode Controller
December, 2015 ??Rev. 3
logo
Texas Instruments
UCC1806 TI1-UCC1806_16 Datasheet
1Mb / 33P
LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com