Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3070 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3070
Description  5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3070 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3070 Datasheet HTML 9Page - Linear Technology LT3070 Datasheet HTML 10Page - Linear Technology LT3070 Datasheet HTML 11Page - Linear Technology LT3070 Datasheet HTML 12Page - Linear Technology LT3070 Datasheet HTML 13Page - Linear Technology LT3070 Datasheet HTML 14Page - Linear Technology LT3070 Datasheet HTML 15Page - Linear Technology LT3070 Datasheet HTML 16Page - Linear Technology LT3070 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LT3070
13
3070p
APPLICATIONS INFORMATION
positive voltage margining. The voltage range between
these two logic thresholds defines the logic Hi-Z state
and disables the margining function.
The MARGTOL pin selects the absolute value of margining
(1%, 3% or 5%) if enabled by the MARGSEL input. The
logic “low” threshold is less than 220mV referenced to
GND and enables either ±1% change in VOUT depending on
the state of the MARGSEL pin. The logic “high” threshold
is greater than VBIAS – 500mV and enables either ±5%
change in VOUT depending on the state of the MARGSEL
pin. The voltage range between these two logic thresholds
defines the logic Hi-Z state and enables either ±3% change
in VOUT depending on the state of the MARGSEL pin.
Table 2: Programming Margining
MARGSEL
MARGTOL
% of VOUT(NOM)
00
–1
0Z
–3
01
–5
Z00
ZZ0
Z10
101
1Z3
115
Enable Function—Turning On and Off
The first rising edge of the EN enable pin starts the LT3070
reference and all support functions while enabling the
output. After start-up, pulling the EN pin low places the
regulator into nap mode. In nap mode, the reference circuit
remains active, but the output is disabled and quiescent
current decreases.
Drive the EN pin with either a digital logic port or an open-
collector NPN or open-drain NMOS terminated with a
pull-up resistor to VBIAS. The pull-up resistor must be no
larger than 35k to meet the VIH condition of the EN pin. If
unused, connect the EN pin to VBIAS.
Input Undervoltage Lockout on BIAS Pin
An internal undervoltage lockout (UVLO) comparator
monitors the BIAS rail. If VBIAS drops below the UVLO
threshold, all functions shut down, the pass transistor is
gated off and output current falls to zero. The typical BIAS
pin UVLO threshold is 1.55V on the rising edge of VBIAS.
The UVLO circuit incorporates about 250mV of hysteresis
on the falling edge of VBIAS.
High Efficiency Linear Regulator—Input-to-Output
Voltage Control
The VIOC (voltage input to output control) pin is a function
to control a switching regulator and facilitate a design solu-
tion that maximizes system efficiency at high load currents
and still provides low dropout voltage performance.
The VIOC pin is the output of an integrated transconduc-
tance amplifier that sources and sinks 250μA of current.
It typically regulates the output of most LTC
® switching
regulators or LTM
® power modules, by sinking current
from the ITH compensation node. The VIOC function
controls a buck regulator powering the LT3070’s input by
maintaining the LT3070’s input voltage to VOUT + 300mV.
This 300mV VIN-VOUT differential voltage is chosen to
provide fast transient response and good high frequency
PSRR while minimizing power dissipation and maximizing
efficiency. For example, 1.5V to 1.2V conversion and 1.3V
to 1V conversion yield 1.5W maximum power dissipation
at 5A full output current.
Figure 2 depicts that the switcher’s feedback resistor net-
work sets the maximum switching regulator output voltage
if the linear regulator is disabled. However, once the LT3070
is enabled, the VIOC feedback loop decreases the switching
regulator output voltage back to VOUT + 300mV.
Using the VIOC function creates a feedback loop between
the LT3070 and the switching regulator. As such, the
feedback loop must be frequency compensated for stabil-
ity. Fortunately, the connection of VIOC to many LTC ITH
pins represents a high impedance characteristic which is
the optimum circuit node to frequency compensate the
feedback loop. Figure 2 illustrates the typical frequency
compensation network used at the VIOC node to GND.
The VIOC amplifier characteristics are:
gm = 3.2mS, IOUT = ±250μA, BW = 10MHz.
If the VIOC is not used, terminate the VIOC pin to GND with
a small capacitor (1000pF) to prevent oscillations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com