Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC1857 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC1857
Description  Isolated Boost PFC Preregulator Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC1857 Datasheet(HTML) 1 Page - Texas Instruments

  UCC1857 Datasheet HTML 1Page - Texas Instruments UCC1857 Datasheet HTML 2Page - Texas Instruments UCC1857 Datasheet HTML 3Page - Texas Instruments UCC1857 Datasheet HTML 4Page - Texas Instruments UCC1857 Datasheet HTML 5Page - Texas Instruments UCC1857 Datasheet HTML 6Page - Texas Instruments UCC1857 Datasheet HTML 7Page - Texas Instruments UCC1857 Datasheet HTML 8Page - Texas Instruments UCC1857 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UCC1857
UCC2857
UCC3857
PRELIMINARY
DESCRIPTION
The UCC3857 provides all of the control functions necessary for an Iso-
lated Boost PFC Converter. These converters have the advantage of trans-
former isolation between primary and secondary, as well as an output bus
voltage that is lower than the input voltage. By providing both power factor
correction and down conversion in a single power processing stage, the
UCC3857 is ideal for applications which require high efficiency, integration,
and performance.
The UCC3857 brings together the control functions and drivers necessary
to generate overlapping drive signals for external IGBT switches, and pro-
vides a separate output to drive an external power MOSFET which pro-
vides zero current switching (ZCS) for both the IGBTs. Full programmability
is provided for the MOSFET driver delay time with an external RC network.
ZCS for the IGBT switches alleviates the undesirable turn off losses typi-
cally associated with these devices. This allows for higher switching fre-
quencies, smaller magnetic components and higher efficiency. The power
factor correction (PFC) portion of the UCC3857 employs the familiar aver-
age current control scheme used in previous Unitrode controllers. Internal
circuitry changes, however, have simplified the design of the PFC section
and improved performance.
(continued)
Isolated Boost PFC Preregulator Controller
8
15
4
VD
13
7
3
VIN
CAO
CA–
MOUT
PKLMT
14
MOSDRV
16
IGDRV1
18
IGDRV2
17
PGND
20
CT
6
AGND
19
RT
20
SS
5VREF
12
DELAY
11
VAO
10
VA–
2
CRMS
1IAC
REF
REF
Z
V
Z
C
R
S
Q2
Q1
T1
FEEDBACK
CKT
OPTO
BIAS
SUPPLY
QA
R
AC
V
OUT
+
–
RECTIFIED
AC INPUT
REF
UCC3857
C
F
TYPICAL APPLICATION CIRCUIT
FEATURES
• PFC With Isolation, VO < VIN
• Single Power Stage
• Zero Current Switched IGBT
• Programmable ZCS Time
• Corrects PF to >0.99
• Fixed Frequency, Average Current
Control
• Improved RMS Feedforward
• Soft Start
• 9V to 18V Supply V Range
• 20-Pin DW, N, J, and L Packages
02/99
UDG-98065


Similar Part No. - UCC1857

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1857 TI1-UCC1857 Datasheet
154Kb / 11P
Isolated Boost PFC Preregulator Controller
UCC1857 TI1-UCC1857_08 Datasheet
154Kb / 11P
Isolated Boost PFC Preregulator Controller
More results

Similar Description - UCC1857

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC3245-XX PCA-EPC3245-XX Datasheet
113Kb / 5P
PFC Boost Inductor
EPC3246-XX PCA-EPC3246-XX Datasheet
125Kb / 5P
PFC Boost Inductor
logo
Cooper Bussmann, Inc.
CTX16-17309 COOPER-CTX16-17309 Datasheet
200Kb / 1P
INDUCTOR, BOOST PFC
CTX16-17769-R COOPER-CTX16-17769-R Datasheet
219Kb / 1P
INDUCTOR, BOOST PFC
logo
PCA ELECTRONICS INC.
EPC3246-XX PCA-EPC3246-XX_15 Datasheet
126Kb / 5P
PFC Boost Inductor
logo
Coilcraft lnc.
JA4224 COILCRAFT-JA4224 Datasheet
150Kb / 1P
PFC Boost Inductor
FA2890 COILCRAFT-FA2890_13 Datasheet
180Kb / 1P
PFC Boost Inductor
logo
Texas Instruments
UCC1857 TI1-UCC1857_08 Datasheet
154Kb / 11P
Isolated Boost PFC Preregulator Controller
logo
Linkage Goston Electron...
SM7630 LINKAGE-SM7630 Datasheet
2Mb / 8P
BOOST _ PFC BUCK combination flow controller
SM7650 LINKAGE-SM7650 Datasheet
2Mb / 7P
BOOST _ PFC PSR composite flow controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com