Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC1884 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC1884
Description  Frequency Foldback Current Mode PWM Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC1884 Datasheet(HTML) 1 Page - Texas Instruments

  UCC1884 Datasheet HTML 1Page - Texas Instruments UCC1884 Datasheet HTML 2Page - Texas Instruments UCC1884 Datasheet HTML 3Page - Texas Instruments UCC1884 Datasheet HTML 4Page - Texas Instruments UCC1884 Datasheet HTML 5Page - Texas Instruments UCC1884 Datasheet HTML 6Page - Texas Instruments UCC1884 Datasheet HTML 7Page - Texas Instruments UCC1884 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UCC1884
UCC2884
UCC3884
PRELIMINARY
SLUS160A - AUGUST 1999
FEATURES
• Frequency Foldback Reduces
Operating Frequency Under Fault
Conditions
• Accurate Programmable Volt-Second
Clamp
• Programmable Maximum Duty Cycle
Clamp
• Oscillator Synchronization
• Overcurrent Protection
• Shutdown with Full Soft Start
• Wide Gain Bandwidth Amplifier
(GBW > 2.5MHz)
• Current Mode Operation
• Precision 5V Reference
Frequency Foldback Current Mode PWM Controller
BLOCK DIAGRAM
UDG-96026-1
DESCRIPTION
The UCC3884 is a high performance current mode PWM controller in-
tended for single ended switch mode power supplies. The chip implements
a frequency foldback scheme that decreases the oscillator frequency as
the output voltage falls below a programmed value. This technique de-
creases the average output current sourced into a low impedance load
which can occur during an output short circuit or overload condition. Ex-
cessive short circuit current is more prevalent in high frequency converters
where the propagation delay and switch turn-off time forces a minimum at-
tainable duty cycle. An accurate volt-second clamp limits the duty cycle
during line or load transient conditions which could otherwise saturate the
transformer. The volt-second clamp may also be used with an external
overvoltage protection circuit to handle fault conditions such as current
sense disconnect or current transformer saturation. The frequency
foldback, volt-second clamp, cycle-by-cycle current limit, and overcurrent
shutdown provide a rich set of protection features for use in peak current
mode pulse width modulators.
application
INFO
available


Similar Part No. - UCC1884

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1888 TI-UCC1888 Datasheet
299Kb / 6P
Off-line Power Supply Controller
UCC1889 TI-UCC1889 Datasheet
454Kb / 7P
Off-line Power Supply Controller
UCC1889 TI1-UCC1889 Datasheet
1Mb / 14P
Off-line Power Supply Controller
UCC1889 TI1-UCC1889 Datasheet
1Mb / 15P
Transformerless Off-line
UCC1889 TI2-UCC1889 Datasheet
725Kb / 15P
Off-line Power Supply Controller
REVISED FEBRUARY 2003
More results

Similar Description - UCC1884

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
Current-mode PWM controller
August 31, 1994
logo
Integral Corp.
IL3842 INTEGRAL-IL3842 Datasheet
204Kb / 5P
Fixed Frequency Current Mode PWM Controller
logo
Estek Electronics Co. L...
KA3842 ESTEK-KA3842 Datasheet
321Kb / 7P
fixed frequency current mode PWM controller
logo
IK Semicon Co., Ltd
IL3842 IKSEMICON-IL3842 Datasheet
124Kb / 5P
Fixed Frequency Current Mode PWM Controller
IL3843 IKSEMICON-IL3843 Datasheet
124Kb / 5P
Fixed Frequency Current Mode PWM Controller
IL3842 IKSEMICON-IL3842_11 Datasheet
155Kb / 5P
Fixed Frequency Current Mode PWM Controller
IL3843 IKSEMICON-IL3843_11 Datasheet
141Kb / 5P
Fixed Frequency Current Mode PWM Controller
logo
Texas Instruments
UCC2884 TI1-UCC2884 Datasheet
324Kb / 12P
Frequency Foldback Current Mode PWM Controller
logo
IK Semicon Co., Ltd
IL3842 IKSEMICON-IL3842_16 Datasheet
397Kb / 5P
Fixed Frequency Current Mode PWM Controller
IL3843 IKSEMICON-IL3843_16 Datasheet
386Kb / 5P
Fixed Frequency Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com