Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2308SC-1HT Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY2308SC-1HT
Description  3.3V Zero Delay Buffer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2308SC-1HT Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY2308SC-1HT Datasheet HTML 1Page - Cypress Semiconductor CY2308SC-1HT Datasheet HTML 2Page - Cypress Semiconductor CY2308SC-1HT Datasheet HTML 3Page - Cypress Semiconductor CY2308SC-1HT Datasheet HTML 4Page - Cypress Semiconductor CY2308SC-1HT Datasheet HTML 5Page - Cypress Semiconductor CY2308SC-1HT Datasheet HTML 6Page - Cypress Semiconductor CY2308SC-1HT Datasheet HTML 7Page - Cypress Semiconductor CY2308SC-1HT Datasheet HTML 8Page - Cypress Semiconductor CY2308SC-1HT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
CY2308
Document Number: 38-07146 Rev. *H
Page 2 of 15
Pinouts
Figure 1. Pin Diagram - 16 Pin SOIC (Top view)
Table 1. Pin Definitions - 16 Pin SOIC
Pin
Signal
Description
1
REF[1]
Input reference frequency, 5V tolerant input
2
CLKA1[2]
Clock output, Bank A
3
CLKA2[2]
Clock output, Bank A
4VDD
3.3V supply
5
GND
Ground
6
CLKB1[2]
Clock output, Bank B
7
CLKB2[2]
Clock output, Bank B
8
S2[3]
Select input, bit 2
9
S1[3]
Select input, bit 1
10
CLKB3[2]
Clock output, Bank B
11
CLKB4[2]
Clock output, Bank B
12
GND
Ground
13
VDD
3.3V supply
14
CLKA3[2]
Clock output, Bank A
15
CLKA4[2]
Clock output, Bank A
16
FBK
PLL feedback input
Select Input Decoding
S2
S1
CLOCK A1–A4
CLOCK B1–B4
Output Source
PLL Shutdown
0
0
Tri-State
Tri-State
PLL
Y
0
1
Driven
Tri-State
PLL
N
10
Driven[4]
Driven[4]
Reference
Y
1
1
Driven
Driven
PLL
N
9
16
FBK
CLKA4
CLKA3
VDD
GND
CLKB4
CLKB3
S1
1
2
3
4
5
6
7
8
10
11
12
13
14
15
REF
CLKA1
CLKA2
VDD
GND
CLKB1
CLKB2
S2
Notes
1. Weak pull down.
2. Weak pull down on all outputs.
3. Weak pull ups on these inputs.
4. Outputs inverted on 2308–2 and 2308–3 in bypass mode, S2 = 1 and S1 = 0.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com