Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY62148ESL Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY62148ESL
Description  4-Mbit (512K x 8) Static RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62148ESL Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY62148ESL Datasheet HTML 2Page - Cypress Semiconductor CY62148ESL Datasheet HTML 3Page - Cypress Semiconductor CY62148ESL Datasheet HTML 4Page - Cypress Semiconductor CY62148ESL Datasheet HTML 5Page - Cypress Semiconductor CY62148ESL Datasheet HTML 6Page - Cypress Semiconductor CY62148ESL Datasheet HTML 7Page - Cypress Semiconductor CY62148ESL Datasheet HTML 8Page - Cypress Semiconductor CY62148ESL Datasheet HTML 9Page - Cypress Semiconductor CY62148ESL Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CY62148ESL MoBL®
Document #: 001-50045 Rev. **
Page 9 of 10
Ordering Information
Speed
(ns)
Ordering Code
Package
Diagram
Package Type
Operating
Range
55
CY62148ESL-55ZAXI
51-85094
32-Pin STSOP (Pb-Free)
Industrial
Package Diagram
Figure 8. 32-Pin Shrunk Thin Small Outline Package (8 x 13.4 mm), 51-85094
51-85094-*D
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com