Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC1895 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCC1895
Description  BiCMOS Advanced Phase Shift PWM Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC1895 Datasheet(HTML) 1 Page - Texas Instruments

  UCC1895 Datasheet HTML 1Page - Texas Instruments UCC1895 Datasheet HTML 2Page - Texas Instruments UCC1895 Datasheet HTML 3Page - Texas Instruments UCC1895 Datasheet HTML 4Page - Texas Instruments UCC1895 Datasheet HTML 5Page - Texas Instruments UCC1895 Datasheet HTML 6Page - Texas Instruments UCC1895 Datasheet HTML 7Page - Texas Instruments UCC1895 Datasheet HTML 8Page - Texas Instruments UCC1895 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
UCC1895
UCC2895
UCC3895
DESCRIPTION
The UCC3895 is a phase shift PWM controller that implements control of a
full-bridge power stage by phase shifting the switching of one half-bridge
with respect to the other. It allows constant frequency pulse-width modula-
tion in conjunction with resonant zero-voltage switching to provide high effi-
ciency at high frequencies. The part can be used either as a voltage mode
or current mode controller.
While the UCC3895 maintains the functionality of the UC3875/6/7/8 family
and UC3879, it improves on that controller family with additional features
such as enhanced control logic, adaptive delay set, and shutdown capabil-
ity. Since it is built in BCDMOS, it operates with dramatically less supply
current than it’s bipolar counterparts. The UCC3895 can operate with a
maximum clock frequency of 1MHz.
The UCC3895 and UCC2895 are offered in the 20 pin SOIC (DW) pack-
age, 20 pin PDIP (N) package, 20 pin TSSOP (PW) package, and 20 pin
PLCC (Q). The UCC1895 is offered in the 20 pin CDIP (J) package, and 20
pin CLCC package (L).
BiCMOS Advanced Phase Shift PWM Controller
FEATURES
• Programmable Output Turn-on Delay
• Adaptive Delay Set
• Bidirectional Oscillator Synchronization
• Capability for Voltage Mode or Current
Mode Control
• Programmable Soft Start/Soft Stop
and Chip Disable via a Single Pin
• 0% to 100% Duty Cycle Control
• 7MHz Error Amplifier
• Operation to 1MHz
• Low Active Current Consumption
(5mA Typical @ 500kHz)
• Very Low Current Consumption
During Undervoltage Lock-out
(150
mA typical)
SLUS157B - DECEMBER 1999 - REVISED JANUARY 2001
1
10
11
12
13
14
15
16
17
18
19
7
7
7
7
7
7
7
7
7
20
2
3
4
5
6
7
8
9
UCC3895
EAN
EAP
EAOUT
RAMP
REF
GND
SYNC
CT
RT
DELAB
DELCD
ADS
CS
OUTD
OUTC
VCC
PGND
OUTB
OUTA
SS/DISB
Q1
D
B
AC
V
IN
V
OUT
V
BIAS
SIMPLIFIED APPLICATION DIAGRAM
UDG-98139
application
INFO
available


Similar Part No. - UCC1895

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1895 TI-UCC1895 Datasheet
667Kb / 25P
BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC1895 TI1-UCC1895 Datasheet
609Kb / 28P
BiCMOS Advanced Phase-Shift PWM Controller
UCC1895J TI-UCC1895J Datasheet
667Kb / 25P
BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC1895J TI1-UCC1895J Datasheet
609Kb / 28P
BiCMOS Advanced Phase-Shift PWM Controller
UCC1895L TI-UCC1895L Datasheet
667Kb / 25P
BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
More results

Similar Description - UCC1895

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B38C42 ETC1-B38C42 Datasheet
215Kb / 5P
BiCMOS Current Mode PWM Controller
logo
Texas Instruments
UCC28500 TI-UCC28500 Datasheet
571Kb / 31P
BICMOS PFC/PWM COMBINATION CONTROLLER
UCC1895 TI-UCC1895_08 Datasheet
667Kb / 25P
BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-EP TI1-UCC2895-EP Datasheet
623Kb / 20P
BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI1-UCC2895-Q1 Datasheet
349Kb / 22P
BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC28500-12 TI1-UCC28500-12 Datasheet
914Kb / 35P
BiCMOS PFC/PWM COMBINATION CONTROLLER
UCC1895 TI1-UCC1895_13 Datasheet
609Kb / 28P
BiCMOS Advanced Phase-Shift PWM Controller
UCC2818A-Q1 TI-UCC2818A-Q1_15 Datasheet
858Kb / 21P
BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-EP TI-UCC2895-EP_15 Datasheet
795Kb / 21P
BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI-UCC2895-Q1_15 Datasheet
838Kb / 24P
BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com