Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1045 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1045
Description  Programmable Micropower Hex Translator/Receiver/Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1045 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1045 Datasheet HTML 9Page - Linear Technology LTC1045 Datasheet HTML 10Page - Linear Technology LTC1045 Datasheet HTML 11Page - Linear Technology LTC1045 Datasheet HTML 12Page - Linear Technology LTC1045 Datasheet HTML 13Page - Linear Technology LTC1045 Datasheet HTML 14Page - Linear Technology LTC1045 Datasheet HTML 15Page - Linear Technology LTC1045 Datasheet HTML 16Page - Linear Technology LTC1045 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LTC1045
1045fc
TYPICAL APPLICATIONS
RS232 Receiver
0.9V
NOTE: INPUTS HAVE NO
INTERNAL PULL-DOWN
9
2
30V
–30V
1
19
TTL OUT
1045 TA12
–
+
20
5V
11
13
12
10k
10
V+
100k
LTC1045
V–
ISET
DIS
VOL
VOH
24V Relay Supply from 12V/15V Supply
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
IN1
IN2
IN3
IN4
IN5
IN6
VTRIP2
VTRIP1
V–
19
18
17
16
15
14
2
3
4
5
6
7
8
9
1045 TA13
LTC1045
13
12
11
20
10
1
10k
10k
10k
V+
V+
V+
DIS
ISET
VOL
VOH
V+
10k
100k
1N4148
1N4148
1
µF
10
µF
24V
1000pF
RL ≥ 1k
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com