Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2656 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2656
Description  Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2656 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2656 Datasheet HTML 16Page - Linear Technology LTC2656 Datasheet HTML 17Page - Linear Technology LTC2656 Datasheet HTML 18Page - Linear Technology LTC2656 Datasheet HTML 19Page - Linear Technology LTC2656 Datasheet HTML 20Page - Linear Technology LTC2656 Datasheet HTML 21Page - Linear Technology LTC2656 Datasheet HTML 22Page - Linear Technology LTC2656 Datasheet HTML 23Page - Linear Technology LTC2656 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTC2656
21
2656f
load conditions. The measured change in output voltage
per milliampere of forced load current change is expressed
in LSB/mA.
DC output impedance is equivalent to load regulation, and
may be derived from it by simply calculating a change in
units from LSB/mA to Ohms. The amplifiers’ DC output
impedance is 0.04Ω when driving a load well away from
the rails.
When drawing a load current from either rail, the output
voltage headroom with respect to that rail is limited by
the 30Ω typical channel resistance of the output devices;
e.g., when sinking 1mA, the minimum output voltage =
30Ω • 1mA = 30mV. See the graph Headroom at Rails vs
Output Current in the Typical Performance Characteristics
section.
The amplifiers are stable driving capacitive loads of up
to 1000pF.
Board Layout
The excellent load regulation and DC crosstalk performance
of these devices is achieved in part by keeping “signal”
and “power” grounds separate.
The PC board should have separate areas for the analog
and digital sections of the circuit. This keeps digital signals
away from sensitive analog signals and facilitates the use of
separate digital and analog ground planes which have mini-
mal capacitive and resistive interaction with each other.
Digital and analog ground planes should be joined at only
one point, establishing a system star ground as close to
the device’s ground pin as possible. Ideally, the analog
ground plane should be located on the component side of
the board, and should be allowed to run under the part to
shield it from noise. Analog ground should be a continuous
and uninterrupted plane, except for necessary lead pads
and vias, with signal traces on another layer.
The GND pin functions as a return path for power supply
currents in the device and should be connected to analog
ground. The REFLO pin should be connected to the system
star ground. Resistance from the REFLO pin to the system
star ground should be as low as possible.
Rail-to-Rail Output Considerations
In any rail-to-rail voltage output device, the output is limited
to voltages within the supply range.
Since the analog outputs of the device cannot go below
ground, they may limit the lowest codes as shown in Fig-
ure 3b. Similarly, limiting can occur in external reference
mode near full scale when the REFIN/OUT pin is at VCC/2.
If VREFIN/OUT = VCC/2 and the DAC full-scale error (FSE)
is positive, the output for the highest codes limits at VCC
are shown in Figure 3c. No full-scale limiting can occur if
VREFIN/OUT ≤ (VCC – FSE)/2.
Offset and linearity are defined and tested over the region
of the DAC transfer function where no output limiting can
occur.
OPERATION
2656 F03
INPUT CODE
(3b)
OUTPUT
VOLTAGE
NEGATIVE
OFFSET
0V
32,768
0
65,535
INPUT CODE
OUTPUT
VOLTAGE
(3a)
VREF = VCC
VREF = VCC
(3c)
INPUT CODE
OUTPUT
VOLTAGE
POSITIVE
FSE
Figure 3. Effects of Rail-to-Rail Operation on a DAC Transfer Curve. (3a) Overall Transfer Function (3b) Effect of
Negative Offset for Codes Near Zero-Scale (3c) Effect of Positive Full-Scale Error for Codes Near Full-Scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com