Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC1921 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC1921
Description  Latchable Negative Floating Hot Swap Power Manager
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC1921 Datasheet(HTML) 1 Page - Texas Instruments

  UCC1921 Datasheet HTML 1Page - Texas Instruments UCC1921 Datasheet HTML 2Page - Texas Instruments UCC1921 Datasheet HTML 3Page - Texas Instruments UCC1921 Datasheet HTML 4Page - Texas Instruments UCC1921 Datasheet HTML 5Page - Texas Instruments UCC1921 Datasheet HTML 6Page - Texas Instruments UCC1921 Datasheet HTML 7Page - Texas Instruments UCC1921 Datasheet HTML 8Page - Texas Instruments UCC1921 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
3/98
FEATURES
• Precision Fault Threshold
• Programmable:
Average Power Limiting, Linear
Current Control, Overcurrent Limit
and Fault Time
• Fault Output Indication Signal
• Automatic Retry Mode or Latched
Operation Mode
• Shutdown Control
• Undervoltage Lockout
• 250µs Glitch Filter on the SDFLTCH
pin
• 8-Pin DIL and SOIC
Latchable Negative Floating Hot Swap Power Manager
BLOCK DIAGRAM
UCC1921
UCC2921
UCC3921
UDG-99052
DESCRIPTION
The UCC3921 family of negative floating hot swap power managers pro-
vides complete power management, hot swap, and fault handling capa-
bility. The IC is referenced to the negative input voltage and is powered
through an external resistor connected to ground, which is essentially a
current drive as opposed to the traditional voltage drive. The onboard
10V shunt regulator protects the IC from excess voltage and serves as a
reference for programming the maximum allowable output sourcing cur-
rent during a fault. All control and housekeeping functions are integrated
and externally programmable. These include the fault current level, maxi-
mum output sourcing current, maximum fault time, selection of Retry or
Latched mode, soft start time, and average power limiting. In the event of
a constant fault, the internal timer will limit the on time from less than
0.1% to a maximum of 3% duty cycle. The duty cycle modulation de-
pends on the current into PL, which is a function of the voltage across
the FET, thus limiting average power dissipation in the FET. The fault
level is fixed at 50mV across the current sense amplifier to minimize total
(continued)


Similar Part No. - UCC1921

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1921 TI2-UCC1921 Datasheet
813Kb / 19P
Latchable Negative Floating Hot Swap Power Manager
23-May-2025
More results

Similar Description - UCC1921

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1913 TI-UCC1913 Datasheet
123Kb / 9P
Negative Voltage Hot Swap Power Manager
UCC1917 TI-UCC1917 Datasheet
228Kb / 9P
Positive Floating Hot Swap Power Manager
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
Programmable Hot Swap Power Manager
UCC2913 TI-UCC2913 Datasheet
314Kb / 17P
NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
CompactPCI짰 HOT SWAP POWER MANAGER
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
PROGRAMMABLE HOT SWAP POWER MANAGER
UCC3921DTR TI1-UCC3921DTR Datasheet
1Mb / 16P
Latchable Negative Floating Hot Swap Power Manager
UCC3917D TI1-UCC3917D Datasheet
1Mb / 25P
Positive Floating Hot-Swap Power Manager
UCC2913 TI1-UCC2913_15 Datasheet
914Kb / 21P
NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
UCC2917 TI1-UCC2917 Datasheet
1Mb / 25P
Positive Floating Hot-Swap Power Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com