Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC1946 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC1946
Description  Microprocessor Supervisor with Watchdog Timer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC1946 Datasheet(HTML) 1 Page - Texas Instruments

  UCC1946 Datasheet HTML 1Page - Texas Instruments UCC1946 Datasheet HTML 2Page - Texas Instruments UCC1946 Datasheet HTML 3Page - Texas Instruments UCC1946 Datasheet HTML 4Page - Texas Instruments UCC1946 Datasheet HTML 5Page - Texas Instruments UCC1946 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UCC1946
UCC2946
UCC3946
SLUS247B - FEBRUARY 2000
FEATURES
•
Fully Programmable Reset Threshold
•
Fully Programmable Reset Period
•
Fully Programmable Watchdog Period
•
2% Accurate Reset Threshold
•
VDD Can Go as Low as 2V
•
18
µA Maximum IDD
•
Reset Valid Down to 1V
Microprocessor Supervisor with Watchdog Timer
6
7
WDI
WP
8
VDD
3RES
5
POWER TO
CIRCUITRY
A3
A2
A1
A0
CLK
CLR
8-BIT COUNTER
400nA
WDO
1
GND
EDGE DETECT
WATCHDOG TIMING
100mV
1.235V
2
RTH
4
RP
1.235V
.
400nA
POWER ON RESET
BLOCK DIAGRAM
Note: Pinout represents the 8-pin TSSOP package.
UDG-98001
DESCRIPTION
The UCC3946 is designed to provide accurate microprocessor supervi-
sion, including reset and watchdog functions. During power up, the IC
asserts a reset signal RES with VDD as low as 1V. The reset signal re-
mains asserted until the VDD voltage rises and remains above the re-
set threshold for the reset period. Both reset threshold and reset period
are programmable by the user. The IC is also resistant to glitches on
the VDD line. Once RES has been deasserted, any drops below the
threshold voltage need to be of certain time duration and voltage mag-
nitude to generate a reset signal. These values are shown in Figure 1.
An I/O line of the microprocessor may be tied to the watchdog input
(WDI) for watchdog functions. If the I/O line is not toggled within a set
watchdog period, programmable by the user, WDO will be asserted.
The watchdog function will be disabled during reset conditions.
The UCC3946 is available in 8-pin SOIC(D), 8-pin DIP (N or J) and
8-pin TSSOP(PW) packages to optimize board space.


Similar Part No. - UCC1946

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC19411 TI-UCC19411 Datasheet
143Kb / 8P
Low Power Synchronous Boost Converter
UCC19412 TI-UCC19412 Datasheet
143Kb / 8P
Low Power Synchronous Boost Converter
UCC19413 TI-UCC19413 Datasheet
143Kb / 8P
Low Power Synchronous Boost Converter
More results

Similar Description - UCC1946

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5101G RICOH-R5101G Datasheet
330Kb / 17P
Microprocessor power management with Watchdog Timer
R5104V RICOH-R5104V Datasheet
794Kb / 20P
Microprocessor power management with Watchdog Timer
logo
Texas Instruments
UCC2946-Q1 TI1-UCC2946-Q1 Datasheet
231Kb / 13P
MICROPROCESSOR SUPERVISOR WITH WATCHDOG TIMER
UCC3946DTRG4 TI1-UCC3946DTRG4 Datasheet
664Kb / 17P
MICROPROCESSOR SUPERVISOR WITH WATCHDOG TIMER
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Texas Instruments
TPS3850 TI1-TPS3850_16 Datasheet
1Mb / 44P
Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3851 TI1-TPS3851 Datasheet
1Mb / 31P
Precision Voltage Supervisor with Integrated Watchdog Timer
TPS3852 TI1-TPS3852 Datasheet
1Mb / 30P
Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3852-Q1 TI1-TPS3852-Q1 Datasheet
503Kb / 28P
High-Accuracy Voltage Supervisor with Integrated Watchdog Timer
logo
Maxim Integrated Produc...
MAX16152 MAXIM-MAX16152 Datasheet
405Kb / 20P
nanoPower Supervisor and Watchdog Timer
Rev 0; 4/2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com