Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC2585 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC2585
Description  Low Voltage Synchronous Buck Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2585 Datasheet(HTML) 1 Page - Texas Instruments

  UCC2585 Datasheet HTML 1Page - Texas Instruments UCC2585 Datasheet HTML 2Page - Texas Instruments UCC2585 Datasheet HTML 3Page - Texas Instruments UCC2585 Datasheet HTML 4Page - Texas Instruments UCC2585 Datasheet HTML 5Page - Texas Instruments UCC2585 Datasheet HTML 6Page - Texas Instruments UCC2585 Datasheet HTML 7Page - Texas Instruments UCC2585 Datasheet HTML 8Page - Texas Instruments UCC2585 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UCC2585
UCC3585
PRELIMINARY
DESCRIPTION
The UCC2585/UCC3585 synchronous Buck controller provides flexible
high efficiency power conversion for output voltages as low as 1.25V with
guaranteed
±1% DC accuracy. Output currents are only limited by the
choice of external logic level MOSFETs. With an input voltage range of
2.5V to 6.0V it is the ideal choice for 3.3V only, battery input, or other low
voltage systems. Applications include local microprocessor core voltage
power supplies for desktop and Notebook computers, and high speed GTL
bus regulation. Its fixed frequency oscillator is capable of providing practical
PWM operation to 700kHz.
With its low voltage capability and inherent “always on” operation, the
UCC2585/UCC3585 causes VOUT to track VIN once VIN has exceeded
the threshold voltage of the external P channel MOSFET. Tracking can be
tailored for any application with a single resistor or disabled by connecting
TRACK to VIN. For dual supply rail microprocessors this feature negates
the need for external diodes to insure supply voltage tracking between the
+3.3V and lower voltage microprocessor core supplies.
(continued)
Low Voltage Synchronous Buck Controller
FEATURES
• Resistor Programmable 1.25V to 4.5V
VOUT
• 2.5V to 6V Input Supply Range
• 1% DC Accuracy
• High Efficiency Synchronous
Switching
• Drives P-channel (High Side) and
N-channel (Low Side) MOSFETs
• Lossless Programmable Current Limit
• Logic Compatible Shutdown
• Programmable Frequency
• Start-up Voltage Tracking Protects
Dual Rail Microprocessors
07/99
12
14
6
11
8
PDRV
CLSET
ISENSE
13
5
9
NDRV
PWRGND
TRACK
N/C
1
4
10
2
15
VIN
VFB
ENB
COMP
SD
16
7
3
SS
GND
CT
ISET
C8
0.47
µF
Q1
IRF7404
Q2
IRF7401
L1 4.7
µF
C9
220
µF
C10
220
µF
C11
VOUT
RTN
RTN
VIN
220
µF
+
+
+
R4
100k
R2
549k
R6
3
R5
3
R1
10k
R3
27.4k
R12
32k
R10
36k
R11
82k
C6
470pF
C5
0.22
µF
C4
3.2N
C7
147pF
C1
150
µF
C2
150
µF
++
TYPICAL APPLICATION DIAGRAM
UDG-98024


Similar Part No. - UCC2585

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2585 TI1-UCC2585 Datasheet
1Mb / 20P
LOW-VOLTAGE SYNCHRONOUS BUCK CONTROLLER
UCC2585 TI2-UCC2585 Datasheet
760Kb / 15P
LOW-VOLTAGE SYNCHRONOUS BUCK CONTROLLER
REVISED JANUARY 2005
UCC2585D TI1-UCC2585D Datasheet
1Mb / 20P
LOW-VOLTAGE SYNCHRONOUS BUCK CONTROLLER
UCC2585D TI2-UCC2585D Datasheet
760Kb / 15P
LOW-VOLTAGE SYNCHRONOUS BUCK CONTROLLER
REVISED JANUARY 2005
UCC2585M TI1-UCC2585M Datasheet
1Mb / 20P
LOW-VOLTAGE SYNCHRONOUS BUCK CONTROLLER
More results

Similar Description - UCC2585

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1571 ONSEMI-NCP1571 Datasheet
104Kb / 16P
Low Voltage Synchronous Buck Controller
October, 2004 ??Rev. 4
NCP1570 ONSEMI-NCP1570 Datasheet
279Kb / 14P
Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
CS5212 ONSEMI-CS5212_06 Datasheet
321Kb / 13P
Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
NCP1586 ONSEMI-NCP1586 Datasheet
80Kb / 8P
Low Voltage Synchronous Buck Controller
March, 2007 ??Rev. 0
logo
Texas Instruments
UCC3585M TI1-UCC3585M Datasheet
802Kb / 21P
LOW-VOLTAGE SYNCHRONOUS BUCK CONTROLLER
logo
Unisonic Technologies
UCS1201 UTC-UCS1201 Datasheet
166Kb / 5P
LOW VOLTAGE SYNCHRONOUS BUCK CONTROLLER
logo
ON Semiconductor
NCP81046 ONSEMI-NCP81046 Datasheet
157Kb / 10P
Low Voltage Synchronous Buck Controller
June, 2012 ??Rev. P0
NCP1579 ONSEMI-NCP1579_13 Datasheet
148Kb / 11P
Low Voltage Synchronous Buck Controller
April, 2013 ??Rev. 3
NCP1589D ONSEMI-NCP1589D_17 Datasheet
89Kb / 8P
Low Voltage Synchronous Buck Controller
January, 2017 ??Rev. 2
NCP1588 ONSEMI-NCP1588_V01 Datasheet
199Kb / 12P
Low Voltage Synchronous Buck Controller
January, 2008 - Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com