Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4160 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4160
Description  Switching Power Manager with USB On-The-Go And Overvoltage Protection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4160 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4160 Datasheet HTML 9Page - Linear Technology LTC4160 Datasheet HTML 10Page - Linear Technology LTC4160 Datasheet HTML 11Page - Linear Technology LTC4160 Datasheet HTML 12Page - Linear Technology LTC4160 Datasheet HTML 13Page - Linear Technology LTC4160 Datasheet HTML 14Page - Linear Technology LTC4160 Datasheet HTML 15Page - Linear Technology LTC4160 Datasheet HTML 16Page - Linear Technology LTC4160 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LTC4160/LTC4160-1
13
41601f
OPERATION
Introduction
The LTC4160/LTC4160-1 are high efficiency bidirectional
switching power managers and Li-Ion/Polymer battery
chargers designed to make optimal use of the power
available while minimizing power dissipation and easing
thermal budgeting constraints. The innovative PowerPath
architecture ensures that the end product application is
powered immediately after external voltage is applied,
even with a completely dead battery, by prioritizing power
to the end product.
When acting as a step-down converter, the LTC4160/
LTC4160-1’s bidirectional switching regulator takes power
from USB, wall adapters, or other 5V sources and provides
power to the end product application and efficiently charges
the battery using Bat-Track. Because power is conserved,
the LTC4160/LTC4160-1 allow the load current on VOUT to
exceed the current drawn by the USB port, making maxi-
mum use of the allowable USB power for battery charging.
For USB compatibility, the switching regulator includes
a precision average input current limit. The bidirectional
switching regulator and battery charger communicate to
ensure that the average input current never exceeds the
USB specifications.
In addition, the bidirectional switching regulator can also
operate as a 5V synchronous step-up converter, taking
power from VOUT and delivering up to 500mA to VBUS
without the need for any additional external components.
This enables systems with USB dual-role transceivers to
function as USB On-The-Go dual-role devices. True output
disconnect and average output current limit features are
included for short circuit protection.
The LTC4160/LTC4160-1 contain both an internal 180mΩ
ideal diode as well as an ideal diode controller for use
with an external P-channel MOSFET. The ideal diodes
from BAT to VOUT guarantee that ample power is always
available to VOUT even if there is insufficient or absent
power at VBUS.
An always-on LDO provides a regulated 3.3V from avail-
able power at VOUT. Drawing very little quiescent current,
this LDO will be on at all times and can be used to supply
up to 20mA.
The LTC4160/LTC4160-1 also feature an overvoltage pro-
tection circuit which is designed to work with an external
N-channel MOSFET to prevent damage to their inputs
caused by accidental application of high voltage.
Finally, to prevent battery drain when a device is con-
nected to a suspended USB port, an LDO from VBUS to
VOUT provides low power USB suspend current to the end
product application.
Bidirectional PowerPath Switching Regulator –
Step-Down Mode
The power delivered from VBUS to VOUT is controlled by
a 2.25MHz constant frequency bidirectional switching
regulator in step-down mode. VOUT drives the combination
of the external load and the battery charger. To meet the
maximum USB load specification, the switching regulator
contains a measurement and control system that ensures
that the average input current remains below the level
programmed at CLPROG.
If the combined load does not cause the switching regu-
lator to reach the programmed input current limit, VOUT
will track approximately 0.3V above the battery voltage.
By keeping the voltage across the battery charger at this
low level, power lost to the battery charger is minimized.
Figure 1 shows the power flow in step-down mode.
If the combined external load plus battery charge current
is large enough to cause the switching regulator to reach
the programmed input current limit, the battery charger
will reduce its charge current by precisely the amount
necessary to enable the external load to be satisfied. Even
if the battery charge current is programmed to exceed the
allowable USB current, the USB specification for average
input current will not be violated; the battery charger will
reduce its current as needed. Furthermore, if the load cur-
rent at VOUT exceeds the programmed power from VBUS,
load current will be drawn from the battery via the ideal
diode(s) even when the battery charger is enabled.
The current out of CLPROG is a precise fraction of the VBUS
current. When a programming resistor and an averaging
capacitor are connected from CLPROG to GND, the volt-
age on CLPROG represents the average input current of
the switching regulator. As the input current approaches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com