Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4160-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4160-1
Description  Switching Power Manager with USB On-The-Go And Overvoltage Protection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4160-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC4160-1 Datasheet HTML 1Page - Linear Technology LTC4160-1 Datasheet HTML 2Page - Linear Technology LTC4160-1 Datasheet HTML 3Page - Linear Technology LTC4160-1 Datasheet HTML 4Page - Linear Technology LTC4160-1 Datasheet HTML 5Page - Linear Technology LTC4160-1 Datasheet HTML 6Page - Linear Technology LTC4160-1 Datasheet HTML 7Page - Linear Technology LTC4160-1 Datasheet HTML 8Page - Linear Technology LTC4160-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTC4160/LTC4160-1
2
41601f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VBUS (Transient) t < 1ms, Duty Cycle < 1%.. –0.3V to 7V
VBUS (Static), BAT, VOUT, NTC, ENOTG, ID,
ENCHARGER, VBUSGD, FAULT, CHRG......... –0.3V to 6V
ILIM0, IILIM1 ........ –0.3V to Max(VBUS, VOUT, BAT) + 0.3V
IOVSENS...................................................................10mA
ICLPROG ....................................................................3mA
ICHRG, IVBUSGD, IFAULT.............................................50mA
IPROG........................................................................2mA
ILDO3V3...................................................................30mA
ISW, IBAT, IVOUT, IVBUS..................................................2A
Operating Temperature Range.................. –40°C to 85°C
Maximum Junction Temperature........................... 125°C
Storage Temperature Range................... –65°C to 125°C
(Notes 1, 2, 3)
20 19 18 17
7
8
TOP VIEW
21
PDC PACKAGE
20-LEAD (3mm
4mm) PLASTIC UTQFN
9
10
6
5
4
3
2
1
11
12
13
14
15
16
OVGATE
OVSENS
VBUSGD
FAULT
ID
ENOTG
ILIM1
ILIM0
SW
VBUS
VOUT
BAT
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 21) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4160EPDC#PBF
LTC4160EPDC#TRPBF
FDRT
20-Lead (3mm
× 4mm) Plastic UTQFN
–40°C to 85°C
LTC4160EPDC-1#PBF
LTC4160EPDC-1#TRPBF
FDST
20-Lead (3mm
× 4mm) Plastic UTQFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PowerPath Switching Regulator – Step-Down Mode
VBUS
Input Supply Voltage
4.35
5.5
V
IBUS(LIM)
Total Input Current
1x Mode
5x Mode
10x Mode
Suspend Mode
l
l
l
l
82
440
900
0.32
90
480
955
0.43
100
500
1000
0.5
mA
mA
mA
mA
IVBUSQ (Note 4)
Input Quiescent Current
1x Mode
5x, 10x Modes
Suspend Mode
7
20
0.050
mA
mA
mA
hCLPROG (Note 4) Ratio of Measured VBUS Current to
CLPROG Program Current
1x Mode
5x Mode
10x Mode
Suspend Mode
211
1170
2377
9.6
mA/mA
mA/mA
mA/mA
mA/mA
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VBUS = 5V, BAT = 3.8V, RCLPROG = 3.01k, unless
otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com