Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6601-2 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6601-2
Description  Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6601-2 Datasheet(HTML) 2 Page - Linear Technology

  LTC6601-2 Datasheet HTML 1Page - Linear Technology LTC6601-2 Datasheet HTML 2Page - Linear Technology LTC6601-2 Datasheet HTML 3Page - Linear Technology LTC6601-2 Datasheet HTML 4Page - Linear Technology LTC6601-2 Datasheet HTML 5Page - Linear Technology LTC6601-2 Datasheet HTML 6Page - Linear Technology LTC6601-2 Datasheet HTML 7Page - Linear Technology LTC6601-2 Datasheet HTML 8Page - Linear Technology LTC6601-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
LTC6601-2
2
66012f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (V+ to V) ...............................5.5V
Input Voltage (Any Pin) (Note 2)..V+ + 0.3V to V–0.3V
Input Current (VOCM, BIAS)..................................±10mA
Input Current (Pins 1, 5) (Note 2) ........................±20mA
Input Current (Pins 2, 4) (Note 2) ........................±30mA
Input Current (Pins 6, 20) (Note 2) ......................±15mA
Input Current (Pins 7, 8, 9, 10, 16, 17, 18, 19)
(Note 2)................................................................±10mA
Output Short-Circuit Duration (Note 3) ............ Indefinite
Operating Temperature Range (Note 4).... –40°C to 85°C
Specified Temperature Range (Note 5) .... –40°C to 85°C
Junction Temperature ........................................... 150°C
Storage Temperature Range................... –65°C to 150°C
(Note 1)
20 19 18 17 16
6
7
8
TOP VIEW
21
UF PACKAGE
20-LEAD (4mm
4mm) PLASTIC QFN
9
10
5
4
3
2
1
11
12
13
14
15
IN2+
IN1+
BIAS
IN1
IN2
OUT
V+
V
VOCM
OUT+
TJMAX = 150°C, θJA = 37°C/W, θJC = 4.3°C/W
EXPOSED PAD (PIN 21) IS V, MUST BE SOLDERED TO PCB
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC6601CUF-2#PBF
LTC6601IUF-2#PBF
LTC6601CUF-2#TRPBF
LTC6601IUF-2#TRPBF
66012
66012
20-Lead (4mm × 4mm) Plastic QFN
20-Lead (4mm × 4mm) Plastic QFN
0°C to 70°C
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ORDER INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOSDIFF (Note 6)
Amplifier Differential Offset Voltage (Input
Referred)
VS = 2.7V to 5.25V, BIAS = Floating
BIAS = V+
l
l
±0.25
±0.25
±2
±1.25
mV
mV
ΔVOSDIFF/ΔT
(Note 6)
Ampifier Differential Offset Voltage Drift
(Input Referred)
VS = 2.7V to 5.25V
1
μV/°C
RIN (Note 14)
Input Resistance, BIAS = V+
Single Ended Input Resistance, Pin 2 or Pin 4
Differential Input Resistance
VS = 3V
VS = 3V
133
200
Ω
Ω
DC ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+ = 3V, V= 0V, VINCM = VOCM = mid-supply, BIAS tied to V+ or floating,
ILOAD = 0, RBAL = 100k. The filter is configured for a gain of 1 unless otherwise noted. VS is defined as (V+ – V). VOUTCM is defined as
(VOUT+ + VOUT–)/2. VINCM is defined as (VINP + VINM)/2. VOUTDIFF is defined as (VOUT+ – VOUT–). VINDIFF is defined as (VINP – VINM). See
Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com