Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4609EVPBF Datasheet(PDF) 22 Page - Linear Technology

Part # LTM4609EVPBF
Description  36VIN, 34VOUT High Effi ciency Buck-Boost DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4609EVPBF Datasheet(HTML) 22 Page - Linear Technology

Back Button LTM4609EVPBF Datasheet HTML 16Page - Linear Technology LTM4609EVPBF Datasheet HTML 17Page - Linear Technology LTM4609EVPBF Datasheet HTML 18Page - Linear Technology LTM4609EVPBF Datasheet HTML 19Page - Linear Technology LTM4609EVPBF Datasheet HTML 20Page - Linear Technology LTM4609EVPBF Datasheet HTML 21Page - Linear Technology LTM4609EVPBF Datasheet HTML 22Page - Linear Technology LTM4609EVPBF Datasheet HTML 23Page - Linear Technology LTM4609EVPBF Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
LTM4609
22
4609fa
TYPICAL APPLICATIONS
Figure 20. Two-Phase Parallel, 12V at 8A Design
VOUT
PGOOD
FCB
RUN
SW1
COMP
SW2
INTVCC
EXTVCC
STBYMD
SS
VFB
SGND
PLLIN
LTM4609
L2
3.3μH
C4
22μF
25V
×2
330μF
25V
4609 TA06
CLOCK SYNC 180° PHASE
CLOCK SYNC 0° PHASE
VIN
PGND
10μF
50V
+
VOUT
PGOOD
FCB
RUN
SW1
COMP
SW2
INTVCC
EXTVCC
PLLFLTR
PLLFLTR
OUT1
V+
OUT2
MOD
GND
SET
LTC6908-1
STBYMD
SS
VFB
SGND
PLLIN
LTM4609
L1
3.3μH
RFB*
3.57k
R4
324k
C2
22μF
25V
×2
330μF
25V
VOUT
12V
8A
2-PHASE OSCILLATOR
VIN
PGND
VIN
5V TO 36V
C3
0.1μF
10μF
50V
+
R5
100k
C1
0.1μF
RSENSE
SENSE
R3
8mΩ
SENSE+
RSENSE
SENSE
R2
8mΩ
SENSE+
5.1V
*RFB IS SELECTED USING
WHERE N IS THE NUMBER
OF PARALLELED MODULES.
VOUT 0.8V
100k
N
RFB
RFB
VOUT
PGOOD
FCB
RUN
SW1
SW2
EXTVCC
STBYMD
SS
VFB
SGND
PLLIN
LTM4609
L1
4.7μH
RFB
2.55k
220μF
50V
4609 TA05
VOUT
32V
2A
CLOCK SYNC
VIN
PGND
VIN
8V TO 36V
C3
0.1μF
10μF
50V
×2
+
ON/OFF
COMP
INTVCC
RSENSE
SENSE
PLLFLTR
R2
9mΩ
SENSE+
R1
1.5k
R3
1k
Figure 19. 32V at 2A Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com