Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4614 Datasheet(PDF) 13 Page - Linear Technology

Part # LTM4614
Description  Dual 4A per Channel Low VIN DC/DC 關Module Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4614 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM4614 Datasheet HTML 9Page - Linear Technology LTM4614 Datasheet HTML 10Page - Linear Technology LTM4614 Datasheet HTML 11Page - Linear Technology LTM4614 Datasheet HTML 12Page - Linear Technology LTM4614 Datasheet HTML 13Page - Linear Technology LTM4614 Datasheet HTML 14Page - Linear Technology LTM4614 Datasheet HTML 15Page - Linear Technology LTM4614 Datasheet HTML 16Page - Linear Technology LTM4614 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTM4614
13
4614fa
Figure 7. 1.2V No Heat Sink (VIN = 5V)
Figure 8. 1.2V Heat Sink (VIN = 5V)
APPLICATIONS INFORMATION
Figure 9. 3.3V No Heat Sink (VIN = 5V)
Figure 10. 3.3V Heat Sink (VIN = 5V)
4.5
2.0
3.0
3.5
4.0
2.5
1.0
1.5
0.5
0
4614 F07
110
50
60
70
80
90
120
100
40
AMBIENT TEMPERATURE (°C)
200LFM NO HEAT SINK
0LFM NO HEAT SINK
400LFM NO HEAT SINK
4.5
2.0
3.0
3.5
4.0
2.5
1.0
1.5
0.5
0
4614 F08
110
50
60
70
80
90
120
100
40
0LFM HEAT SINK
200LFM HEAT SINK
400LFM HEAT SINK
AMBIENT TEMPERATURE (°C)
4.5
2.0
3.0
3.5
4.0
2.5
1.0
1.5
0.5
0
4614 F09
110
50
60
70
80
AMBIENT TEMPERATURE (°C)
90
120
100
40
0LFM NO HEAT SINK
200LFM NO HEAT SINK
400LFM NO HEAT SINK
4.5
2.0
3.0
3.5
4.0
2.5
1.0
1.5
0.5
0
4614 F10
110
50
60
70
80
90
120
100
40
AMBIENT TEMPERATURE (°C)
0LFM HEAT SINK
200LFM HEAT SINK
400LFM HEAT SINK
module temperature rise can be allowed. As an example in
Figure 7 the load current is de-rated to 3A for each chan-
nel with 0LFM at ~ 90°C and the power loss for both
channels at 5V to 1.2V at 3A output are ~1.5 watts. If the
90°C ambient temperature is subtracted from the 120°C
maximum junction temperature, then the difference of
30°C divided 1.5W equals a 20°C/W thermal resistance.
Table 2 specifies a 15°C/W value which is close. Table 2
and Table 3 provide equivalent thermal resistances for
1.2V and 3.3V outputs with and without air flow and
heat sinking. The combine power loss for the two 4A
outputs can be summed together and multiplied by the
thermal resistance values in Tables 2 and 3 for module
temperature rise under the specified conditions. The
printed circuit board is a 1.6mm thick four layer board
with 2 ounce copper for the two outer layers and 1 ounce
copper for the two inner layers. The PCB dimensions are
95mm
× 76mm. The data sheet list the θJP (junction to
pin) and
θJC (junction to case) thermal resistances under
the Pin Configuration diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com